Electronic Components Datasheet Search
  English  ▼

X  

PE39475 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE39475
Description  SMA Male to TNC Female Bulkhead Precision Cable Using PE-SR405FL Coax, RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE39475 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE39475 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE39475 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE39475 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Connector 1
Type
SMA Male
Configuration
Straight
Coupling Nut Material and Plating
Passivated Stainless Steel
Hex Size, Inch
5/16
Torque, in-lbs [Nm]
8 [0.9]
Body Material and Plating
Brass, Silver
Connector 2
Type
TNC Female Bulkhead
Configuration
Straight
Mount Method
Bulkhead
Outer Conductor Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMA Male to TNC Female Bulkhead Precision Cable Using PE-SR405FL Coax, RoHS from Pasternack Enterprises has
samedayshipmentfordomesticandInternationalorders.OurRF,microwaveandfiberopticproductsmaintaina99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: SMA Male to TNC Female Bulkhead Precision Cable Using PE-SR405FL Coax, RoHS PE39475
URL:
http://www.pasternack.com/sma-male-tnc-female-pe-sr405fl-cable-assembly-pe39475-p.aspx
PE39475 REV
PE39475
SMA Male to TNC Female Bulkhead Precision
Cable Using PE-SR405FL Coax, RoHS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com