Electronic Components Datasheet Search
  English  ▼

X  

RC1608J515CS Datasheet(PDF) 29 Page - Samsung semiconductor

Part # RC1608J515CS
Description  We, Samsung, declare that our component Chip Resistor is produced in accordance with EU RoHS directive.
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

RC1608J515CS Datasheet(HTML) 29 Page - Samsung semiconductor

Back Button RC1608J515CS Datasheet HTML 25Page - Samsung semiconductor RC1608J515CS Datasheet HTML 26Page - Samsung semiconductor RC1608J515CS Datasheet HTML 27Page - Samsung semiconductor RC1608J515CS Datasheet HTML 28Page - Samsung semiconductor RC1608J515CS Datasheet HTML 29Page - Samsung semiconductor RC1608J515CS Datasheet HTML 30Page - Samsung semiconductor RC1608J515CS Datasheet HTML 31Page - Samsung semiconductor RC1608J515CS Datasheet HTML 32Page - Samsung semiconductor RC1608J515CS Datasheet HTML 33Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
28
29
±250
10
Ω~1MΩ
-55
℃~+125℃
70
℃
062P
064P
Type
1/32
Power
Rating
(W)
12.5(V)
25(V)
Working
Voltage
(MAX)
Overload
Voltage
(MAX)
TCR (ppm/℃)
Resistance
Range (Ω)
Rated
Ambient
Temperature
Rated
Working
Temperature
70
℃
-55
℃~+125℃
062P
064P
Type
Resistance
50m
ΩMax.
0.5(A)
Current Rating
Rated Ambient
Temperature
Rated Working
Temperature
•
Rated voltage (V) =
Rated voltage should be lower than (MAX) working voltage.
√Rated power(W)×Normal resistance value (R)
The rated power is the maximum continuous loading power at 70℃ ambient temperature.
For ambient temperature above 70℃, the loading power follows the below power derating curve.
(The load current shall be derated according to Derating curve in case of the 'Jumper')
100
80
60
40
20
0
Operation area
-55
-40
0
40
80
120
Ambient Temperature(
℃)
70
125
Specification
Power Derating Curve
Jumper Resistors
Land Pattern
The specifications and designs contained herein may be subject to change without notice.
Please contact our sales representatives or product engineers before order.
Dimension
A
B
2A + B
C
D
RF062P
RF064P
0.3
0.3
0.3
0.3
0.9
0.9
0.2
0.2
0.3
0.2
TYPE (Inch)
Reflow Soldering
A
B
A
A
B
A
C
CD
C
CD
: Land Pattern
: Chip Resistor
Operation
Notes
Example of land
Pattern Design
Recommended
Soldering Conditions
General Structure
General
Precision
Jumper
Low ohms
(RC Series)
Low ohms
(RUT Series)
Ultra Low Ohms
(RU Series)
Arrays
(CONVEX Type)
Arrays
(CONCAVE Type)
Arrays
(FLAT Type)
Arrays for
Memory Modules
Attenuator
Characteristics
Performance
Packaging
Standard
Resistance Value
Ultra Low Ohms
(RUK Series)
Ultra Low Ohms
(RUW Series)
CHIP Resistor
2012.7.23 2:37 PM
˘
` 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com