Electronic Components Datasheet Search
  English  ▼

X  

RC2012F1002CS Datasheet(PDF) 5 Page - Samsung semiconductor

Part # RC2012F1002CS
Description  Thick Film General Chip Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

RC2012F1002CS Datasheet(HTML) 5 Page - Samsung semiconductor

  RC2012F1002CS Datasheet HTML 1Page - Samsung semiconductor RC2012F1002CS Datasheet HTML 2Page - Samsung semiconductor RC2012F1002CS Datasheet HTML 3Page - Samsung semiconductor RC2012F1002CS Datasheet HTML 4Page - Samsung semiconductor RC2012F1002CS Datasheet HTML 5Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Thick Film Chip Resistors (RC General)
■ Performance Characteristics
■ Performance Characteristics
ITEM
Requirements
Specification
Test Conditions
(JIS C 5201-1)
Within the specified
Resistance
Within the specified
tolerance
JIS C 5201-1 4.5
Temperature
Characteristic
Within the specified
T.C.R
JIS C 5201-1 4.8
+20℃ → -55℃ / +20℃ → +125℃
Sh
i
Short time
Overload
ΔR < ±1%+0.1Ω
JIS C 5201-1 4.13
Rated Voltage×2.5, 5sec
Solderability
Immersed over 95%
JIS C 5201-1 4.17
Rosin Ethanol (25%WT)
245+5/ 0℃ 2±05 sec
245+5/-0℃, 2±0.5 sec
Resistance to
Solder Heat
ΔR < ±1%+0.05Ω
JIS C 5201-1 4.18
260±5℃, 10±1 sec
Temperature
ΔR< ±1%+0 1Ω
JIS C 5201-1 4.19
Cycle
ΔR < ±1%+0.1Ω
-55℃ ↔ +155℃, 100 cycle
Moisture
Resistance
ΔR < ±3%+0.1Ω
JIS C 5201-1 4.24
40±2℃, 90~95%RH, 1,000+48hours
JIS C 5201-14 25
Load Life
ΔR < ±3%+0.1Ω
JIS C 5201 1 4.25
Rated Voltage, 70±2℃, 1,000+48hours
90mins ON, 30mins OFF
High Temp.
Exposure
ΔR < ±3%+0.1Ω
JIS C 5201-1 4.25.3
155±2℃, 1,000+48hours
Exposure
, ,
※ NOTICE :All specifications are subject to change without previous notice. Please contact with product representatives or
engineers to check specifications.
Ver. 2012.11



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com