Electronic Components Datasheet Search
  English  ▼

X  

IXTH110N25T Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTH110N25T
Description  TrenchTM Power MOSFETs N-Channel Enhancement Mode Avalanche Rated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH110N25T Datasheet(HTML) 2 Page - IXYS Corporation

  IXTH110N25T Datasheet HTML 1Page - IXYS Corporation IXTH110N25T Datasheet HTML 2Page - IXYS Corporation IXTH110N25T Datasheet HTML 3Page - IXYS Corporation IXTH110N25T Datasheet HTML 4Page - IXYS Corporation IXTH110N25T Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXTH110N25T
IXTV110N25TS
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = 10V, ID = 0.5 • ID25, Note 1
65
110
S
C
iss
9400
pF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
850
pF
C
rss
55
pF
t
d(on)
19
ns
t
r
27
ns
t
d(off)
60
ns
t
f
27
ns
Q
g(on)
157
nC
Q
gs
V
GS = 10V, VDS = 0.5 • VDSS, ID = 25A
40
nC
Q
gd
50
nC
R
thJC
0.18
°C/W
R
thCS
0.25
°C/W
Notes:
1. Pulse test, t
≤ 300μs, duty cycle, d ≤ 2%.
2. On through-hole package, R
DS(ON) kelvin test contact location must be
5mm or less from the package body.
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Resistive Switching Times
V
GS = 15V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
R
G = 2Ω (External)
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
110
A
I
SM
Repetitive, Pulse Width Limited by T
JM
350
A
V
SD
I
F = 55A, VGS = 0V, Note 1
1.2
V
t
rr
170
ns
I
RM
27
A
Q
RM
2.3
μC
I
F = 55A, -di/dt = 250A/μs,
V
R = 100V, VGS = 0V
PLUS220SMD Outline
TO-247 Outline
Terminals: 1 - Gate
2 - Drain
3 - Source
e
∅ P
1
2
3
Dim.
Millimeter
Inches
Min.
Max.
Min. Max.
A
4.7
5.3
.185
.209
A
1
2.2
2.54
.087
.102
A
2
2.2
2.6
.059
.098
b
1.0
1.4
.040
.055
b
1
1.65
2.13
.065
.084
b
2
2.87
3.12
.113
.123
C
.4
.8
.016
.031
D
20.80 21.46
.819
.845
E
15.75 16.26
.610
.640
e
5.20
5.72 0.205 0.225
L
19.81 20.32
.780
.800
L1
4.50
.177
∅P
3.55
3.65
.140
.144
Q
5.89
6.40 0.232 0.252
R
4.32
5.49
.170
.216
S
6.15 BSC
242 BSC
Terminals: 1 - Gate 2,4 - Drain
3 - Source



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com