Electronic Components Datasheet Search
  English  ▼

X  

IXTF1N400 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTF1N400
Description  High Voltage Power MOSFET (Electrically Isolated Tab) N-Channel Enhancement Mode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTF1N400 Datasheet(HTML) 2 Page - IXYS Corporation

  IXTF1N400 Datasheet HTML 1Page - IXYS Corporation IXTF1N400 Datasheet HTML 2Page - IXYS Corporation IXTF1N400 Datasheet HTML 3Page - IXYS Corporation IXTF1N400 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXTF1N400
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or moreof the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = 50V, ID = 0.5 • ID25, Note 1
0.55
0.95
S
C
iss
2530
pF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
93
pF
C
rss
30
pF
t
d(on)
28
ns
t
r
24
ns
t
d(off)
81
ns
t
f
90
ns
Q
g(on)
78
nC
Q
gs
V
GS = 10V, VDS = 1kV, ID = 0.5 • ID25
10
nC
Q
gd
35
nC
R
thJC
0.78
°C/W
R
thCS
0.15
°C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
1
A
I
SM
Repetitive, Pulse Width Limited by T
JM
5
A
V
SD
I
F = 1A, VGS = 0V, Note 1
4
V
t
rr
I
F = 1A, -di/dt = 100A/μs, VR = 200V
3.5
μs
Resistive Switching Times
V
GS = 10V, VDS = 0.5 • VDSS, ID = 1A
R
G = 2Ω (External)
Notes: 1. Pulse test, t
≤ 300μs, duty cycle, d ≤ 2%.
2. Part must be heatsunk for high-temp Idss measurement.
ISOPLUS i4-PakTM (HV) Outline
Pin 1 = Gate
Pin 2 = Soure
Pin 3 = Drain
Pin 4 = Isolated



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com