Electronic Components Datasheet Search
  English  ▼

X  

MDD200 Datasheet(PDF) 1 Page - IXYS Corporation

Part # MDD200
Description  High Power Diode Modules DC supply for PWM inverter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MDD200 Datasheet(HTML) 1 Page - IXYS Corporation

  MDD200 Datasheet HTML 1Page - IXYS Corporation MDD200 Datasheet HTML 2Page - IXYS Corporation MDD200 Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2008 IXYS All rights reserved
1 - 3
20080128a
MDD 200
IXYS reserves the right to change limits, test conditions and dimensions.
I
FRSM =
2x 350 A
I
FAVM
=
2x 224 A
V
RRM = 1400-2200 V
High Power
Diode Modules
Features
• International standard package
• Direct copper bonded Al
2O3 ceramic
with copper base plate
• Planar passivated chips
• Isolation voltage 3600 V~
Applications
• Supplies for DC power equipment
• DC supply for PWM inverter
• Field supply for DC motors
• Battery DC power supplies
Advantages
• Space and weight savings
• Simple mounting
• Improved temperature and power cycling
• Reduced protection circuits
Symbol
Conditions
Maximum Ratings
I
FRMS
I
FAVM
T
VJ = TVJM
T
C = 100°C; 180° sine
350
224
A
A
I
FSM
T
VJ = 45°C;
t = 10 ms
(50 Hz)
V
R = 0
t = 8.3 ms (60 Hz)
10500
11200
A
A
T
VJ = TVJM;
t = 10 ms
(50 Hz)
V
R = 0
t = 8.3 ms (60 Hz)
9100
9700
A
A
I2t
T
VJ = 45°C;
t = 10 ms
(50 Hz)
V
R = 0
t = 8.3 ms (60 Hz)
551000
527000
A2s
A2s
T
VJ = TVJM;
t = 10 ms
(50 Hz)
V
R = 0
t = 8.3 ms (60 Hz)
414000
395000
A2s
A2s
T
VJ
T
VJM
T
stg
-40...+150
150
-40...+125
°C
°C
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
I
ISOL < 1 mA
t = 1 s
3000
3600
V~
V~
M
d
Mounting torque (M6)
Terminal connection torque (M6)
2.25 - 2.75
4.5 - 5.5
Nm
Nm
Weight
Typical including screws
120
g
3
1
2
V
RSM
V
RRM
Type
V
V
1500
1400
MDD 200-14N1
1700
1600
MDD 200-16N1
1900
1800
MDD 200-18N1
2300
2200
MDD 200-22N1
1
3
2
Symbol
Conditions
Characteristics Values
I
RRM
V
R = VRRM;
T
VJ = TVJM
20
mA
V
F
I
F = 300 A;
T
VJ = 25°C
1.3
V
V
T0
r
t
For power-loss calculations only
T
VJ = TVJM
0.8
0.6
V
m
W
R
thJC
R
thJK
per diode; DC current
per module
per diode; DC current
per module
0.130
0.065
0.230
0.115
K/W
K/W
K/W
K/W
Q
S
I
RM
T
VJ = 125°C; IF = 300 A; -di/dt = 50 A/µs
625
275
µC
A
d
S
d
A
a
Creeping distance on surface
Creepage distance in air
Maximum allowable acceleration
12.7
9.6
50
mm
mm
m/s2
Data according to IEC 60747 and refer to a single diode unless otherwise stated.
Dimensions in mm (1 mm = 0.0394“)
E72873


Similar Part No. - MDD200

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MDD200-14N1 IXYS-MDD200-14N1 Datasheet
224Kb / 6P
Standard Rectifier Module
MDD200-16N1 IXYS-MDD200-16N1 Datasheet
224Kb / 6P
Standard Rectifier Module
MDD200-18N1 IXYS-MDD200-18N1 Datasheet
224Kb / 6P
Standard Rectifier Module
More results

Similar Description - MDD200

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C7169 HAMAMATSU-C7169 Datasheet
285Kb / 4P
Power Supply for PMT Modules
logo
Microsemi Corporation
SGE2641-3 MICROSEMI-SGE2641-3 Datasheet
53Kb / 1P
high voltage transformer for CCFL inverter power supply
logo
IXYS Corporation
MDD142 IXYS-MDD142 Datasheet
131Kb / 3P
HIgh Power Diode Modules
MDD310 IXYS-MDD310 Datasheet
115Kb / 3P
High Power Diode Modules
MDD250 IXYS-MDD250 Datasheet
116Kb / 3P
High Power Diode Modules
logo
Microsemi Corporation
SGE2648-1 MICROSEMI-SGE2648-1 Datasheet
84Kb / 1P
high voltage transformer for CCFL inverter power supply.
SGE2663-3 MICROSEMI-SGE2663-3 Datasheet
87Kb / 1P
high voltage transformer for CCFL inverter power supply.
SGE2697-1 MICROSEMI-SGE2697-1 Datasheet
185Kb / 1P
inverter transformer for CCFL inverter power supply
SGE2698-1 MICROSEMI-SGE2698-1 Datasheet
185Kb / 1P
inverter transformer for CCFL inverter power supply
logo
IXYS Corporation
MDD312 IXYS-MDD312 Datasheet
260Kb / 4P
High Power Diode Modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com