Electronic Components Datasheet Search
  English  ▼

X  

PE44774 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44774
Description  SMP Female Right Angle Connector Crimp/Crimp Attachment For RG178B, RG196A, Up To 8 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44774 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44774 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44774 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44774 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMP Female Right Angle Connector Crimp/Crimp Attachment For RG178B, RG196A, Up To 8 GHz
Configuration
Connector
SMP Female
Connector Specification
MIL-STD-348A
Connector Interface Type
RG178B,RG196A
Cable Attachment Method (Shield/Contact)
Crimp/Crimp
Body Style
Right Angle
Electrical Specifications
Frequency Range, GHz
DC to 8
Impedance, Ohms
50
Maximum VSWR
1.1:1
Mechanical Specifications
Temperature
Operating Range, deg C
-55 to +155
Size
Length, in [mm]
0.272 [6.91]
Width/Dia., in [mm]
0.157 [3.99]
Height, in [mm]
0.295 [7.49]
.
Connector
Type
SMP Female
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
MIL-DTL-45204
Outer Conductor Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Brass, Gold
Body Plating Specification
MIL-DTL-45204
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMP Female Right Angle Connector Crimp/Crimp Attachment For RG178B, RG196A, Up To
8 GHz PE44774
PE44774
PE44774 REV 1.0
SMP Female Right Angle Connector Crimp/Crimp
Attachment For RG178B, RG196A, Up To 8 GHz


Similar Part No. - PE44774

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4477 PASTERNACK-PE4477 Datasheet
229Kb / 3P
HN Male Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400
PE4477 PASTERNACK-PE4477 Datasheet
319Kb / 3P
HN Male Connector Crimp/Solder Attachment
PE44770 PASTERNACK-PE44770 Datasheet
271Kb / 3P
SMP Female Connector Solder Attachment For RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ, Up To 8 GHz
PE44771 PASTERNACK-PE44771 Datasheet
269Kb / 3P
SMP Female Connector Solder Attachment For PE-047SR,PE-SR047AL, PE-SR047FL, Up To 8 GHz
PE44772 PASTERNACK-PE44772 Datasheet
269Kb / 3P
SMP Female Right Angle Connector Solder Attachment For RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ, Up To 8 GHz
More results

Similar Description - PE44774

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4298 PASTERNACK-PE4298 Datasheet
288Kb / 2P
BNC Male Right Angle Connector Crimp/ Crimp Attachment For RG58
PE44771 PASTERNACK-PE44771 Datasheet
269Kb / 3P
SMP Female Connector Solder Attachment For PE-047SR,PE-SR047AL, PE-SR047FL, Up To 8 GHz
PE44772 PASTERNACK-PE44772 Datasheet
269Kb / 3P
SMP Female Right Angle Connector Solder Attachment For RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ, Up To 8 GHz
PE44773 PASTERNACK-PE44773 Datasheet
274Kb / 3P
SMP Female Right Angle Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL, Up To 8 GHz
PE45128 PASTERNACK-PE45128 Datasheet
344Kb / 3P
SMP Female Right Angle Push-On Connector Crimp - Solder Attachment for RG316, RG174, LMR-100
PE4298 PASTERNACK-PE4298_16 Datasheet
380Kb / 3P
BNC Male Right Angle Connector Crimp/Crimp Attachment
PE4451 PASTERNACK-PE4451_16 Datasheet
400Kb / 4P
TNC Male Right Angle Connector Crimp/Crimp Attachment
PE45248 PASTERNACK-PE45248 Datasheet
369Kb / 4P
SMP Female Right Angle Connector Solder Attachment for RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ, Up To 8 GHz
PE45249 PASTERNACK-PE45249 Datasheet
369Kb / 3P
SMP Female Right Angle Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL, Up To 8 GHz
PE45290 PASTERNACK-PE45290 Datasheet
388Kb / 4P
SMP Female Right Angle Connector Crimp/Crimp Attachment for RG178, RG196, Up To 8 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com