Electronic Components Datasheet Search
  English  ▼

X  

PE44776 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44776
Description  SMP Male Limited Detent Connector Solder Attachment Thru Hole PCB, Square Body, Up To 8 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44776 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44776 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44776 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44776 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMP Male Limited Detent Connector Solder Attachment Thru Hole PCB, Square Body, Up To 8 GHz
Pasternack 8 GHz SMP connectors are designed to offer a low cost alternative where the SMP form factor is desired but
the standard SMP frequency range is not needed. The line of 8 GHz SMP connectors is fully compatible with industry
standard SMP and GPO® connectors. These SMP connectors offer a low cost high performance blind-mate solution for
lower frequency applications. The Male versions of the 8 GHz SMP is available in Full Detent, Limited Detent, and Smooth
Bore versions.
• Fully compatible with industry standard SMP and GPO® connectors
• Full Detent, Limited Detent, and Smooth Bore Male designs
• Glass Bead Hermetic Sealed Male Shroud versions available
• DC to 8 GHz with excelent VSWR and RF Leakage performance
Configuration
Connector
SMP Male, Limited Detent
ConnectorSpecification
MIL-STD-348A
ConnectorInterfaceType
ThruHole
CableAttachmentMethod(Shield/Contact)
Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 8
Impedance,Ohms
50
Maximum VSWR
1.1:1
Mechanical Specifications
Temperature
OperatingRange,degC
-55to+155
Size
Length,in[mm]
0.279[7.09]
Width/Dia.,in[mm]
0.236[5.99]
Height,in[mm]
0.236[5.99]
.
Connector
Type
SMP Male
MatingCycles
500
Contact Material and Plating
Beryllium Copper, Gold
ContactPlatingSpecification
MIL-DTL-45204
Body Material and Plating
Brass, Gold
BodyPlatingSpecification
MIL-DTL-45204
DielectricType
PEI
Compliance Certifications (visitwww.Pasternack.comforcurrentdocument)
RoHS Compliant
Yes
Clickthefollowinglink(orenterpartnumberin“SEARCH”onwebsite)toobtainadditionalpartinformationincludingprice,
inventoryandcertifications: SMPMaleLimitedDetentConnectorSolderAttachmentThruHolePCB,SquareBody,UpTo
8GHzPE44776
PE44776
PE44776REV1.1
SMPMaleLimitedDetentConnectorSolderAttachment
ThruHolePCB,SquareBody,UpTo8GHz


Similar Part No. - PE44776

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4477 PASTERNACK-PE4477 Datasheet
229Kb / 3P
HN Male Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400
PE4477 PASTERNACK-PE4477 Datasheet
319Kb / 3P
HN Male Connector Crimp/Solder Attachment
PE44770 PASTERNACK-PE44770 Datasheet
271Kb / 3P
SMP Female Connector Solder Attachment For RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ, Up To 8 GHz
PE44771 PASTERNACK-PE44771 Datasheet
269Kb / 3P
SMP Female Connector Solder Attachment For PE-047SR,PE-SR047AL, PE-SR047FL, Up To 8 GHz
PE44772 PASTERNACK-PE44772 Datasheet
269Kb / 3P
SMP Female Right Angle Connector Solder Attachment For RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ, Up To 8 GHz
More results

Similar Description - PE44776

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44775 PASTERNACK-PE44775 Datasheet
258Kb / 3P
SMP Male Full Detent Connector Solder Attachment Thru Hole PCB, Round Body, Up To 8 GHz
PE44779 PASTERNACK-PE44779 Datasheet
252Kb / 3P
SMP Male Hermetically Sealed Connector Solder Attachment Thru Hole PCB, Up To 8 GHz
PE44780 PASTERNACK-PE44780 Datasheet
251Kb / 3P
SMP Male Hermetically Sealed Connector Solder Attachment Thru Hole PCB, Up To 8 GHz
PE44840 PASTERNACK-PE44840 Datasheet
263Kb / 3P
SMP Male Connector Solder Attachment Thru Hole PCB, Up To 8 GHz Smooth Bore
PE44880 PASTERNACK-PE44880 Datasheet
255Kb / 3P
SMP Male Full Detent Connector Solder Attachment End Launch PCB, Up To 8 GHz
PE44936 PASTERNACK-PE44936 Datasheet
380Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Thru Hole PCB .127 inch Pin Length
PE44940 PASTERNACK-PE44940 Datasheet
376Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Thru Hole PCB Hex Body Non Captive Center Contact
PE44941 PASTERNACK-PE44941 Datasheet
377Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Thru Hole PCB Non Captive Center Contact
PE44958 PASTERNACK-PE44958 Datasheet
377Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Thru Hole PCB .140 inch Pin Length
PE44959 PASTERNACK-PE44959 Datasheet
376Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Thru Hole PCB 3 Leg Version
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com