Electronic Components Datasheet Search
  English  ▼

X  

PE44779 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44779
Description  SMP Male Hermetically Sealed Connector Solder Attachment Thru Hole PCB, Up To 8 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44779 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44779 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44779 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44779 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMP Male Hermetically Sealed Connector Solder Attachment Thru Hole PCB, Up To 8 GHz
Configuration
Connector
SMP Male
Connector Specification
MIL-STD-348A
Connector Interface Type
Thru Hole
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Isolated Ground / Hermetic
Hermetically Sealed
Electrical Specifications
Frequency Range, GHz
DC to 8
Impedance, Ohms
50
Maximum VSWR
1.1:1
Mechanical Specifications
Temperature
Operating Range, deg C
-55 to +155
Size
Length, in [mm]
0.25 [6.35]
Width/Dia., in [mm]
0.165 [4.19]
.
Connector
Type
SMP Male
Contact Material and Plating
Kovar, Gold
Body Material and Plating
Kovar, Gold
Dielectric Type
Glass
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMP Male Hermetically Sealed Connector Solder Attachment Thru Hole PCB, Up To 8 GHz
PE44779
PE44779
PE44779 REV
SMP Male Hermetically Sealed Connector Solder
Attachment Thru Hole PCB, Up To 8 GHz


Similar Part No. - PE44779

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4477 PASTERNACK-PE4477 Datasheet
229Kb / 3P
HN Male Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400
PE4477 PASTERNACK-PE4477 Datasheet
319Kb / 3P
HN Male Connector Crimp/Solder Attachment
PE44770 PASTERNACK-PE44770 Datasheet
271Kb / 3P
SMP Female Connector Solder Attachment For RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ, Up To 8 GHz
PE44771 PASTERNACK-PE44771 Datasheet
269Kb / 3P
SMP Female Connector Solder Attachment For PE-047SR,PE-SR047AL, PE-SR047FL, Up To 8 GHz
PE44772 PASTERNACK-PE44772 Datasheet
269Kb / 3P
SMP Female Right Angle Connector Solder Attachment For RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ, Up To 8 GHz
More results

Similar Description - PE44779

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44480 PASTERNACK-PE44480 Datasheet
231Kb / 3P
SMP Male Connector Solder Attachment Thru Hole PCB
PE44775 PASTERNACK-PE44775 Datasheet
258Kb / 3P
SMP Male Full Detent Connector Solder Attachment Thru Hole PCB, Round Body, Up To 8 GHz
PE44776 PASTERNACK-PE44776 Datasheet
259Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Thru Hole PCB, Square Body, Up To 8 GHz
PE44777 PASTERNACK-PE44777 Datasheet
249Kb / 3P
SMP Male Connector Solder Attachment End Launch PCB, Up To 8 GHz
PE44780 PASTERNACK-PE44780 Datasheet
251Kb / 3P
SMP Male Hermetically Sealed Connector Solder Attachment Thru Hole PCB, Up To 8 GHz
PE44840 PASTERNACK-PE44840 Datasheet
263Kb / 3P
SMP Male Connector Solder Attachment Thru Hole PCB, Up To 8 GHz Smooth Bore
PE44849 PASTERNACK-PE44849 Datasheet
287Kb / 3P
SMP Male Connector Solder Attachment Thru
PE44879 PASTERNACK-PE44879 Datasheet
380Kb / 3P
SMP Male Smooth Bore Connector Solder Attachment End Launch PCB, Up To 8 GHz
PE44880 PASTERNACK-PE44880 Datasheet
255Kb / 3P
SMP Male Full Detent Connector Solder Attachment End Launch PCB, Up To 8 GHz
PE44939 PASTERNACK-PE44939 Datasheet
378Kb / 3P
SMP Female Connector Solder Attachment Thru Hole PCB
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com