Electronic Components Datasheet Search
  English  ▼

X  

BUXD87T4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BUXD87T4
Description  HIGH VOLTAGE NPN POWER TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUXD87T4 Datasheet(HTML) 1 Page - STMicroelectronics

  BUXD87T4 Datasheet HTML 1Page - STMicroelectronics BUXD87T4 Datasheet HTML 2Page - STMicroelectronics BUXD87T4 Datasheet HTML 3Page - STMicroelectronics BUXD87T4 Datasheet HTML 4Page - STMicroelectronics BUXD87T4 Datasheet HTML 5Page - STMicroelectronics BUXD87T4 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BUXD87
HIGH VOLTAGE NPN POWER TRANSISTOR
s
REVERSE PINS OUT Vs STANDARD
IPAK/DPAK PACKAGE
s
HIGH VOLTAGE CAPABILITY
s
HIGH DC CURRENT GAIN
s
THROUGH-HOLE IPAK (TO-251) POWER
PACKAGE IN TUBE (SUFFIX "-1")
s
SURFACE-MOUNTING DPAK (TO-252)
POWER PACKAGE IN TAPE & REEL
(SUFFIX "T4")
APPLICATIONS:
s
SWITCH MODE POWER SUPPLIES
s
GENERAL PURPOSE SWITCHING
DESCRIPTION
The BUXD87 is manufactured using High Voltage
Multi
Epitaxial
Planar
technology
for
high
switching speeds and high voltage withstand
capability.
®
INTERNAL SCHEMATIC DIAGRAM
April 1999
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCEV
Collector-Emitter Voltage (VBE = -1.5V)
1000
V
VCEO
Collector-Emitter Voltage (IB = 0)
450
V
VEBO
Emitter-Base Voltage (IC = 0)
5
V
IC
Collector Current
0.5
A
ICM
Collector Peak Current (tp < 5 ms)
1
A
IB
Base Current
0.3
A
IBM
Base Peak Current (tp < 5 ms)
0.6
A
Ptot
Total Dissipation at Tc = 25
oC20
W
Tstg
Storage Temperature
-65 to 150
o C
Tj
Max. Operating Junction Temperature
150
o C
3
2
1
IPAK
DPAK
TO-251
TO-252
(Suffix "-1")
(Suffix "T4")
1
3
1/6


Similar Part No. - BUXD87T4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUXD87T STMICROELECTRONICS-BUXD87T Datasheet
202Kb / 6P
HIGH VOLTAGE NPN POWER TRANSISTOR
Apr-1999
More results

Similar Description - BUXD87T4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUX84S PHILIPS-BUX84S Datasheet
29Kb / 4P
NPN high voltage Power transistor
February 1999 Rev 1.000
logo
STMicroelectronics
STD616A-1 STMICROELECTRONICS-STD616A-1 Datasheet
42Kb / 5P
HIGH VOLTAGE NPN POWER TRANSISTOR
Apr-1999
BUXD87 STMICROELECTRONICS-BUXD87 Datasheet
202Kb / 6P
HIGH VOLTAGE NPN POWER TRANSISTOR
Apr-1999
BUX98APW STMICROELECTRONICS-BUX98APW Datasheet
46Kb / 4P
HIGH VOLTAGE NPN POWER TRANSISTOR
Feb-2002
STD616A STMICROELECTRONICS-STD616A_03 Datasheet
122Kb / 6P
HIGH VOLTAGE NPN POWER TRANSISTOR
Jun-2003
STX616 STMICROELECTRONICS-STX616 Datasheet
111Kb / 8P
High voltage NPN power transistor
22-Oct-2007
2ST501T STMICROELECTRONICS-2ST501T Datasheet
154Kb / 6P
HIGH VOLTAGE NPN POWER TRANSISTOR
25-Feb-2005
logo
Cystech Electonics Corp...
TIP50I3 CYSTEKEC-TIP50I3 Datasheet
269Kb / 6P
High Voltage NPN Power Transistor
logo
ON Semiconductor
BUT11AF ONSEMI-BUT11AF Datasheet
60Kb / 8P
High Voltage NPN Power Transistor
March, 2001 ??Rev. 4
logo
Inchange Semiconductor ...
ISB3026 ISC-ISB3026 Datasheet
277Kb / 2P
High Voltage NPN Power Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com