Electronic Components Datasheet Search
  English  ▼

X  

TCRT5000 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TCRT5000
Description  Subminiature Transmissive Optical Sensor with Transistor Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCRT5000 Datasheet(HTML) 4 Page - Vishay Siliconix

  TCRT5000 Datasheet HTML 1Page - Vishay Siliconix TCRT5000 Datasheet HTML 2Page - Vishay Siliconix TCRT5000 Datasheet HTML 3Page - Vishay Siliconix TCRT5000 Datasheet HTML 4Page - Vishay Siliconix TCRT5000 Datasheet HTML 5Page - Vishay Siliconix TCRT5000 Datasheet HTML 6Page - Vishay Siliconix TCRT5000 Datasheet HTML 7Page - Vishay Siliconix TCRT5000 Datasheet HTML 8Page - Vishay Siliconix TCRT5000 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TCPT1350X01
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 14-Mar-13
4
Document Number: 84815
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Collector Current vs. Forward Current
Fig. 8 - Collector Current vs. Collector Emitter Voltage
Fig. 9 - Collector Emitter Saturation Voltage vs.
Ambient Temperature
Fig. 10 - Collector Current vs. Ambient Temperature
Fig. 11 - Collector Dark Current vs. Ambient Temperature
Fig. 12 - Relative Collector Current vs. Horizontal Displacement
22681
0.01
0.1
1
10
1
10
100
I
F - Forward Current (mA)
V
CE = 5 V
0.01
0.1
1
10
0.1
1
10
100
V
CE - Collector Emitter Voltage (V)
22682
I
F = 25 mA
I
F = 15 mA
I
F = 5 mA
I
F = 3 mA
0.00
0.05
0.10
0.15
0.20
0.25
0.30
- 50 - 25
0
25
50
75
125
150
T
amb - Ambient Tempearture (°C)
I
F = 15 mA
I
F = 5 mA
I
C = 200 μA
22683
100
0.0
0.5
1.0
1.5
2.0
2.5
- 50
- 25
0
25
50
100
125
150
T
amb - Ambient Temperature (°C)
22684
75
I
F = 15 mA
I
F = 5 mA
V
CE = 5 V
1
10
100
1000
100 000
- 50
- 25
0
25
50
75
100
125
150
T
amb - Ambient Temperature (°C)
22685
V
CE = 70 V
V
CE = 25 V
V
CE =
5 V
10 000
0
0.2
0.4
0.6
0.8
1
- 1.5
- 1
- 0.5
0
0.5
1
1.5
S - Horizontal Displacement (mm)
20595
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com