Electronic Components Datasheet Search
  English  ▼

X  

TCRT5000L Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TCRT5000L
Description  Subminiature Transmissive Optical Sensor with Transistor Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCRT5000L Datasheet(HTML) 2 Page - Vishay Siliconix

  TCRT5000L Datasheet HTML 1Page - Vishay Siliconix TCRT5000L Datasheet HTML 2Page - Vishay Siliconix TCRT5000L Datasheet HTML 3Page - Vishay Siliconix TCRT5000L Datasheet HTML 4Page - Vishay Siliconix TCRT5000L Datasheet HTML 5Page - Vishay Siliconix TCRT5000L Datasheet HTML 6Page - Vishay Siliconix TCRT5000L Datasheet HTML 7Page - Vishay Siliconix TCRT5000L Datasheet HTML 8Page - Vishay Siliconix TCRT5000L Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TCPT1350X01
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 14-Mar-13
2
Document Number: 84815
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ABSOLUTE MAXIMUM RATINGS
Fig. 1 - Power Dissipation Limit vs. Ambient Temperature
Fig. 2 - Forward Current Limit vs. Ambient Temperature
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
COUPLER
Total power dissipation
Tamb  125 °C
Ptot
37.5
mW
Junction temperature
Tj
140
°C
Ambient temperature range
Tamb
- 40 to + 125
°C
Storage temperature range
Tstg
- 40 to + 125
°C
Soldering temperature
In accordance with fig. 16
Tsd
260
°C
INPUT (EMITTER)
Reverse voltage
VR
5V
Forward current
Tamb  125 °C
IF
25
mA
Forward surge current
tp  10 μs
IFSM
200
mA
Power dissipation
Tamb  125 °C
PV
37.5
mW
OUTPUT (DETECTOR)
Collector emitter voltage
VCEO
20
V
Emitter collector voltage
VECO
7V
Collector current
IC
20
mA
Collector dark current
Tamb  85 °C, VCE = 5 V
ICEO
3.3
μA
0
5
10
15
20
25
30
35
40
0
20
40
60
80
100
140
Tamb - Ambient Temperature (°C)
R
thJA = 460 K/W
120
0
5
10
15
20
25
30
0
20
40
60
80
100
140
Tamb - Ambient Temperature (°C)
R
thJA = 460 K/W
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com