Electronic Components Datasheet Search
  English  ▼

X  

TCST1030 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TCST1030
Description  Subminiature Transmissive Optical Sensor with Transistor Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCST1030 Datasheet(HTML) 1 Page - Vishay Siliconix

  TCST1030 Datasheet HTML 1Page - Vishay Siliconix TCST1030 Datasheet HTML 2Page - Vishay Siliconix TCST1030 Datasheet HTML 3Page - Vishay Siliconix TCST1030 Datasheet HTML 4Page - Vishay Siliconix TCST1030 Datasheet HTML 5Page - Vishay Siliconix TCST1030 Datasheet HTML 6Page - Vishay Siliconix TCST1030 Datasheet HTML 7Page - Vishay Siliconix TCST1030 Datasheet HTML 8Page - Vishay Siliconix TCST1030 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TCPT1350X01
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 14-Mar-13
1
Document Number: 84815
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Subminiature Transmissive Optical Sensor with Transistor Output
DESCRIPTION
The TCPT1350X01 is a compact transmissive sensor
that includes an infrared emitter and a phototransistor
detector, located face-to-face in a surface mount package.
TCPT1350X01 is especially designed to meet high operating
temperature requirements and is released for operating
temperature ranges from - 40 °C to + 125 °C.
FEATURES
• Package type: surface mount
• Detector type: phototransistor
• Dimensions (L x W x H in mm): 5.5 x 4 x 4
• AEC-Q101 qualified
• Gap (in mm): 3
• Aperture (in mm): 0.3
• Typical output current under test: IC = 1.6 mA
• Emitter wavelength: 950 nm
• Released for high operating temperatures up to 125 °C
• Moisture sensitivity level (MSL): 1
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Automotive optical sensors
• Accurate position sensor for encoder
• Detection of motion speed
Note
• Conditions like in table basic characteristics/coupler
Note
• MOQ: minimum order quantity
Pin connection
Top view
Coll.
NC
E
A
Cath.
NC
21848
19601
PRODUCT SUMMARY
PART NUMBER
GAP WIDTH
(mm)
APERTURE WIDTH
(mm)
TYPICAL OUTPUT
CURRENT UNDER TEST (1)
(mA)
DAYLIGHT
BLOCKING FILTER
INTEGRATED
TCPT1350X01
3
0.3
1.6
No
ORDERING INFORMATION
ORDERING CODE
PACKAGING
VOLUME (1)
REMARKS
TCPT1350X01
Tape and reel
MOQ: 2000 pcs, 2000 pcs/reel
Drypack, MSL 1


Similar Part No. - TCST1030

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCST1030 VISHAY-TCST1030 Datasheet
99Kb / 8P
Transmissive Optical Sensor with Phototransistor Output
17-Jul-00
TCST1030 VISHAY-TCST1030 Datasheet
164Kb / 10P
Transmissive Optical Sensor with Phototransistor Output
16-Aug-06
TCST1030 VISHAY-TCST1030 Datasheet
263Kb / 11P
Reflective Optical Sensor with Transistor Output
17-Aug-09
TCST1030 VISHAY-TCST1030 Datasheet
243Kb / 11P
Transmissive Optical Sensor with Phototransistor Output
20-Sep-10
TCST1030 VISHAY-TCST1030 Datasheet
243Kb / 11P
Transmissive Optical Sensor with Phototransistor Output
20-Sep-10
More results

Similar Description - TCST1030

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCPT1200 VISHAY-TCPT1200 Datasheet
95Kb / 9P
Subminiature Transmissive Optical Sensor with Phototransistor Output
01-Jun-99
TCPT1200X01 VISHAY-TCPT1200X01 Datasheet
95Kb / 9P
Subminiature Transmissive Optical Sensor with Phototransistor Output
01-Jun-99
TCUT1300X01 VISHAY-TCUT1300X01 Datasheet
190Kb / 8P
Subminiature Dual Channel Transmissive Optical Sensor with
10-May-07
TCST5250 VISHAY-TCST5250_06 Datasheet
185Kb / 8P
Transmissive Optical Sensor with Phototransistor Output
16-Aug-06
TCUT1300X01 VISHAY-TCUT1300X01_07 Datasheet
192Kb / 9P
Subminiature Dual Channel Transmissive Optical Sensor with
20-Jul-07
TCPT1300X01 VISHAY-TCPT1300X01_11 Datasheet
323Kb / 13P
Subminiature Transmissive Optical Sensor with Transistor Output
17-May-11
TCST1030 VISHAY-TCST1030_10 Datasheet
243Kb / 11P
Transmissive Optical Sensor with Phototransistor Output
20-Sep-10
TCST5250 VISHAY-TCST5250_09 Datasheet
312Kb / 12P
Transmissive Optical Sensor with Phototransistor Output
17-Aug-09
TCPT1300X01 VISHAY-TCPT1300X01_V01 Datasheet
312Kb / 13P
Subminiature Transmissive Optical Sensor with Transistor Output
04-Oct-11
TCPT1350X01 VISHAY-TCPT1350X01_V01 Datasheet
319Kb / 13P
Subminiature Transmissive Optical Sensor with Transistor Output
14-Mar-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com