Electronic Components Datasheet Search
  English  ▼

X  

GLF2012T470K Datasheet(PDF) 2 Page - TDK Electronics

Part # GLF2012T470K
Description  GLF,GLC Series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

GLF2012T470K Datasheet(HTML) 2 Page - TDK Electronics

  GLF2012T470K Datasheet HTML 1Page - TDK Electronics GLF2012T470K Datasheet HTML 2Page - TDK Electronics GLF2012T470K Datasheet HTML 3Page - TDK Electronics GLF2012T470K Datasheet HTML 4Page - TDK Electronics GLF2012T470K Datasheet HTML 5Page - TDK Electronics GLF2012T470K Datasheet HTML 6Page - TDK Electronics GLF2012T470K Datasheet HTML 7Page - TDK Electronics GLF2012T470K Datasheet HTML 8Page - TDK Electronics GLF2012T470K Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TDK Electronics Europe GmbH - September 2004
Copyright 2004 by TDK Electronics Europe GmbH. All rights reserved.
Height[mm]
Area[mm
2]
GLF1608Type
L:1uH to 22uH
Rdc:0.70ohm(10uH)
Idc:90mA(10uH)
GLF2012
08Type GLF2012Type
L:1uH to 47uH
L:1uH to 100uH
Rdc:1.10ohm(10uH)
Rdc:0.36ohm(10uH)
Idc:170mA(10uH)
Idc:140mA(10uH)
GLF2518
12Type GLF2518Type
L:1uH to 100uH
L:1uH to 100uH
Rdc:0.60ohm(10uH)
Rdc:0.20ohm(10uH)
Idc:325mA(10uH)
Idc:210mA(10uH)
GLC2518Type
L:1uH to 100uH
Rdc:0.30ohm(10uH)
Idc:300mA(10uH)
2.50mm
2
2.00X1.25
4.50mm
2
2.50X1.80
0.80mm
1.25mm
1.80mm
1.28mm
2
1.60X0.80
GLC_Type:High Idc Type
GLF_Type:Low Profile Type
GLF_Type:Low Rdc Type
Item Line-Up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com