Electronic Components Datasheet Search
  English  ▼

X  

PE9449 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9449
Description  Precision N Female to TNC Female Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9449 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9449 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9449 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Precision N Female to TNC Female Adapter
Configuration
Connector 1
N Female
Impedance 1
50 Ohms
Connector 2
TNC Female
Impedance 2
50 Ohms
Adapter Design
Precision
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 18
Maximum VSWR
1.15:1
Mechanical Specifications
Size
Length, in [mm]
1.821 [46.25]
Width/Dia., in [mm]
0.625 [15.88]
.
Connector 1
Type
N Female
Connector 2
Type
TNC Female
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/n-female-tnc-female-straight-adapter-pe9449-p.aspx
Precision N Female to TNC Female Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
Precision N Female to TNC Female Adapter
PE9449
PE9449 REV


Similar Part No. - PE9449

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9440 PASTERNACK-PE9440 Datasheet
250Kb / 2P
Precision SMA Female to TNC Male Adapter
PE9441 PASTERNACK-PE9441 Datasheet
252Kb / 2P
Precision SMA Male to TNC Female Adapter
PE9442 PASTERNACK-PE9442 Datasheet
248Kb / 2P
Precision SMA Female to TNC Female Adapter
PE9443 PASTERNACK-PE9443 Datasheet
256Kb / 3P
Precision TNC Male to TNC Female Adapter
PE9444 PASTERNACK-PE9444 Datasheet
254Kb / 3P
Precision TNC Female to TNC Female Adapter
More results

Similar Description - PE9449

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9218 PASTERNACK-PE9218 Datasheet
122Kb / 1P
7mm TO TNC FEMALE, PRECISION ADAPTER
PE9131 PASTERNACK-PE9131 Datasheet
251Kb / 3P
N Female to TNC Female Adapter
PE9442 PASTERNACK-PE9442 Datasheet
248Kb / 2P
Precision SMA Female to TNC Female Adapter
PE9443 PASTERNACK-PE9443 Datasheet
256Kb / 3P
Precision TNC Male to TNC Female Adapter
PE9444 PASTERNACK-PE9444 Datasheet
254Kb / 3P
Precision TNC Female to TNC Female Adapter
PE9447 PASTERNACK-PE9447 Datasheet
256Kb / 3P
Precision N Female to TNC Male Adapter
PE9448 PASTERNACK-PE9448 Datasheet
257Kb / 3P
Precision N Male to TNC Female Adapter
PE9450 PASTERNACK-PE9450 Datasheet
244Kb / 2P
Precision 4 Hole Flange N Female to TNC Female Adapter
PE9444 PASTERNACK-PE9444 Datasheet
254Kb / 3P
Precision TNC Female to TNC Female Adapter
PE9450 PASTERNACK-PE9450 Datasheet
244Kb / 2P
Precision 4 Hole Flange N Female to TNC Female Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com