Electronic Components Datasheet Search
  English  ▼

X  

3KASMC11 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 3KASMC11
Description  Surface Mount PAR® Transient Voltage Suppressors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

3KASMC11 Datasheet(HTML) 1 Page - Vishay Siliconix

  3KASMC11 Datasheet HTML 1Page - Vishay Siliconix 3KASMC11 Datasheet HTML 2Page - Vishay Siliconix 3KASMC11 Datasheet HTML 3Page - Vishay Siliconix 3KASMC11 Datasheet HTML 4Page - Vishay Siliconix 3KASMC11 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3KASMC10 thru 3KASMC43A
www.vishay.com
Vishay General Semiconductor
Revision: 14-Dec-12
1
Document Number: 88480
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Surface Mount PAR® Transient Voltage Suppressors
High Temperature Stability and High Reliability Conditions
FEATURES
• Junction
passivation
optimized
design
passivated anisotropic rectifier technology
•TJ = 185 °C capability suitable for high
reliability and automotive requirement
• Available in uni-directional polarity only
• 3000 W peak pulse power capability with a
10/1000 μs waveform
• Excellent clamping capability
• Very fast response time
• Low incremental surge resistance
• Meets MSL level 1, per J-STD-020, LF maximum peak of
260 °C
• AEC-Q101 qualified
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
Use in sensitive electronics protection against voltage
transients induced by inductive load switching and lighting
on ICs, MOSFET, signal lines of sensor units for consumer,
computer, industrial, automotive, and telecommunication.
MECHANICAL DATA
Case: DO-214AB (SMC)
Molding compound meets UL 94 V-0 flammability rating
Base P/NHE3 - RoHS-compliant and AEC-Q101 qualified
Base P/NHE3_X - RoHS-compliant and AEC-Q101 qualified
(“_X” denotes revision code e.g. A, B, .....)
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
HE3 suffix meets JESD 201 class 2 whisker test
Polarity: Color band denotes cathode end
Notes
(1) Non-repetitive current pulse, per fig. 3 and derated above TA = 25 °C per fig. 2.
(2) Measured on 8.3 ms single half sine-wave, or equivalent square wave, duty cycle = 4 pulses per minute maximum
PRIMARY CHARACTERISTICS
VWM
10 V to 43 V
VBR
11.1 V to 52.8 V
PPPM
3000 W
PD
6.0 W
IFSM
200 A
TJ max.
185 °C
Polarity
Uni-directional
Package
DO-214AB (SMC)
DO-214AB (SMC)
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Peak pulse power dissipation with a 10/1000 μs waveform (1) (fig. 3)
PPPM
3000
W
Peak power pulse current with a 10/1000 μs waveform (1) (fig. 1)
IPPM
See next table
A
Peak forward surge current 8.3 ms single half sine-wave (2)
IFSM
200
A
Power dissipation on infinite heatsink, TL = 75 °C (fig. 6)
PD
6.0
W
Maximum instantaneous forward voltage at 100 A (2)
VF
3.5
V
Operating junction and storage temperature range
TJ, TSTG
- 65 to + 185
°C


Similar Part No. - 3KASMC11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
3KASMC11 VISHAY-3KASMC11 Datasheet
93Kb / 5P
Surface Mount Automotive Transient Voltage Suppressors (High Temperature Stability & High Reliability Conditions)
29-Jun-06
3KASMC11 VISHAY-3KASMC11 Datasheet
110Kb / 5P
Surface Mount Automotive Transient Voltage Suppressors
21-Oct-08
3KASMC11 VISHAY-3KASMC11 Datasheet
92Kb / 5P
Surface Mount PAR Transient Voltage Suppressors
29-Jul-11
3KASMC11A VISHAY-3KASMC11A Datasheet
93Kb / 5P
Surface Mount Automotive Transient Voltage Suppressors (High Temperature Stability & High Reliability Conditions)
29-Jun-06
3KASMC11A VISHAY-3KASMC11A Datasheet
110Kb / 5P
Surface Mount Automotive Transient Voltage Suppressors
21-Oct-08
More results

Similar Description - 3KASMC11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SM5S24AHE3-2D VISHAY-SM5S24AHE3-2D Datasheet
87Kb / 5P
Surface Mount PAR® Transient Voltage Suppressors
14-Sep-11
TPSMB30AHE3-5BT VISHAY-TPSMB30AHE3-5BT Datasheet
90Kb / 5P
Surface Mount PAR® Transient Voltage Suppressors
05-Oct-12
SM8S10AT VISHAY-SM8S10AT Datasheet
99Kb / 5P
Surface Mount PAR® Transient Voltage Suppressors
20-Mar-15
SM8A27T VISHAY-SM8A27T Datasheet
96Kb / 5P
Surface Mount PAR® Transient Voltage Suppressors
24-Mar-15
SM8S10AT VISHAY-SM8S10AT_V01 Datasheet
123Kb / 5P
Surface Mount PAR® Transient Voltage Suppressors
26-Oct-2021
TA6F51A VISHAY-TA6F51A Datasheet
112Kb / 5P
Surface-Mount PAR® Transient Voltage Suppressors
16-Apr-2020
TPC36CA VISHAY-TPC36CA_V01 Datasheet
92Kb / 5P
Surface Mount PAR® Transient Voltage Suppressors
17-Sep-2021
TPC51A VISHAY-TPC51A Datasheet
102Kb / 5P
Surface Mount PAR® Transient Voltage Suppressors
19-Apr-2022
TPSMA43A VISHAY-TPSMA43A_V01 Datasheet
96Kb / 5P
Surface-Mount PAR® Transient Voltage Suppressors
19-Apr-2021
TPSMB43A VISHAY-TPSMB43A_V01 Datasheet
99Kb / 5P
Surface-Mount PAR® Transient Voltage Suppressors
19-Apr-2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com