Electronic Components Datasheet Search
  English  ▼

X  

AUIPS2041 Datasheet(PDF) 4 Page - International Rectifier

Part # AUIPS2041
Description  INTELLIGENT POWER LOW SIDE SWITCH Over temperature shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS2041 Datasheet(HTML) 4 Page - International Rectifier

  AUIPS2041 Datasheet HTML 1Page - International Rectifier AUIPS2041 Datasheet HTML 2Page - International Rectifier AUIPS2041 Datasheet HTML 3Page - International Rectifier AUIPS2041 Datasheet HTML 4Page - International Rectifier AUIPS2041 Datasheet HTML 5Page - International Rectifier AUIPS2041 Datasheet HTML 6Page - International Rectifier AUIPS2041 Datasheet HTML 7Page - International Rectifier AUIPS2041 Datasheet HTML 8Page - International Rectifier AUIPS2041 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AUIPS2041(L)(R)
www.irf.com
4
Static Electrical Characteristics
Tj= -40..150°C, Vcc=14V (unless otherwise specified), typical value are given for Tj=25°C
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Rds(on)
ON state resistance Tj=25°C
100
130
m
Vin=5V, Ids=1A
ON state resistance Tj=150°C(2)
180
240
Idss1
Drain to source leakage current
0.01
1
µA
Vcc=14V, Tj=25°C
Idss2
Drain to source leakage current
0.04
2
Vcc=50V, Tj=25°C
V clamp1
Drain to source clamp voltage 1
63
68
V
Id=20mA See fig. 3 & 4
V clamp2
Drain to source clamp voltage 2
68
75
Id=1A
Vin clamp
IN to source pin clamp voltage
5.5
6.2
7.5
Iin=1mA
Vth
Input threshold voltage
1.1
2
2.8
Id=50mA
Iin, on
ON state IN positive current
10
40
80
µA
Vin=5V
Iin, off
OFF state IN positive current
( after protection latched )
120
250
350
Switching Electrical Characteristics
Tj= -40..150°C, Vcc=14V, Resistive load=10
, Rinput=50, Vin=5V, typical value are given for Tj=25°C
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Tdon
Turn-on delay time to 20%
0.25
1.3
4
µs
See figure 2
Tr
Rise time 20% to 80%
0.1
0.9
2
Tdoff
Turn-off delay time to 80%
1
3
8
Tf
Fall time 80% to 20%
0.1
0.6
3
Eon + Eoff
Turn on and off energy
12
µJ
Protection Characteristics
Tj= -40..150°C, Vcc=14V (unless otherwise specified), typical value are given for Tj=25°C
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Tsd
Over temperature threshold
150(2)
165
°C
See figure 1
Isd
Over current threshold
4
5.5
7.5
A
Tj=25..150°C see fig 1
3.6
6
8
Tj= -40°C
Vreset
IN protection reset threshold
0.9
1.6
2
V
Treset
Time to reset protection
15
50
500
µs
Vin=0V
(2) Guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com