Electronic Components Datasheet Search
  English  ▼

X  

STF8NM50N Datasheet(PDF) 3 Page - STMicroelectronics

Part # STF8NM50N
Description  N-channel 500 V, 0.73 Ohm typ., 5 A MDmesh II Power MOSFET in DPAK, TO-220 and IPAK packages
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF8NM50N Datasheet(HTML) 3 Page - STMicroelectronics

  STF8NM50N Datasheet HTML 1Page - STMicroelectronics STF8NM50N Datasheet HTML 2Page - STMicroelectronics STF8NM50N Datasheet HTML 3Page - STMicroelectronics STF8NM50N Datasheet HTML 4Page - STMicroelectronics STF8NM50N Datasheet HTML 5Page - STMicroelectronics STF8NM50N Datasheet HTML 6Page - STMicroelectronics STF8NM50N Datasheet HTML 7Page - STMicroelectronics STF8NM50N Datasheet HTML 8Page - STMicroelectronics STF8NM50N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
STD8NM50N, STP8NM50N, STU8NM50N
Electrical ratings
Doc ID 17413 Rev 6
3/19
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
500
V
VGS
Gate-source voltage
± 25
V
ID
Drain current (continuous) at TC = 25 °C
5
A
ID
Drain current (continuous) at TC = 100 °C
3
A
PTOT
Total dissipation at TC = 25 °C
45
W
dv/dt (1)
1.
ISD ≤ 7 A, di/dt ≤ 400 A/µs, VPeak < V(BR)DSS, VDS= 80% V(BR)DSS
Peak diode recovery voltage slope
15
V/ns
Tstg
Storage temperature
- 55 to 150
°C
Tj
Max. operating junction temperature
150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
DPAK
IPAK
TO-220
Rthj-case Thermal resistance junction-case max
2.78
°C/W
Rthj-amb
Thermal resistance junction-ambient max
100
62.5
°C/W
Rthj-pcb
Thermal resistance junction-pcb max
50
°C/W
Tl
Maximum lead temperature for soldering
purpose
300
°C
Table 4.
Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not-repetitive
(pulse width limited by Tj max)
2A
EAS
Single pulse avalanche energy
(starting Tj = 25°C, ID = IAR, VDD = 50 V)
140
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com