Electronic Components Datasheet Search
  English  ▼

X  

TS922AID Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS922AID
Description  Rail-to-rail, high output current dual operational amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS922AID Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TS922AID Datasheet HTML 3Page - STMicroelectronics TS922AID Datasheet HTML 4Page - STMicroelectronics TS922AID Datasheet HTML 5Page - STMicroelectronics TS922AID Datasheet HTML 6Page - STMicroelectronics TS922AID Datasheet HTML 7Page - STMicroelectronics TS922AID Datasheet HTML 8Page - STMicroelectronics TS922AID Datasheet HTML 9Page - STMicroelectronics TS922AID Datasheet HTML 10Page - STMicroelectronics TS922AID Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
DocID5150 Rev 11
7/24
TS922, TS922A
Electrical characteristics
24
φm
Phase margin at unit gain
RL = 600 Ω, CL = 100 pF
68
Degrees
Gm
Gain margin
12
dB
en
Equivalent input noise
voltage
f = 1 kHz
9
THD
Total harmonic distortion
Vout = 2 Vp-p, f = 1 kHz, Av = 1,
RL = 600 Ω
0.005
%
Cs
Channel separation
120
dB
Table 3. Electrical characteristics measured at VCC = +3 V, VCC- = 0 V, Vicm = VCC/2,
Tamb = 25 °C, and RL connected to VCC/2 (unless otherwise specified) (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
n
V
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com