Electronic Components Datasheet Search
  English  ▼

X  

STF7N95K3 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STF7N95K3
Description  N-channel 950 V, 1.1 Ohm, 7.2 A, TO-220, TO-220FP, TO-247 Zener-protected SuperMESH3 Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF7N95K3 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STF7N95K3 Datasheet HTML 3Page - STMicroelectronics STF7N95K3 Datasheet HTML 4Page - STMicroelectronics STF7N95K3 Datasheet HTML 5Page - STMicroelectronics STF7N95K3 Datasheet HTML 6Page - STMicroelectronics STF7N95K3 Datasheet HTML 7Page - STMicroelectronics STF7N95K3 Datasheet HTML 8Page - STMicroelectronics STF7N95K3 Datasheet HTML 9Page - STMicroelectronics STF7N95K3 Datasheet HTML 10Page - STMicroelectronics STF7N95K3 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
STF7N95K3, STP7N95K3, STW7N95K3
Electrical characteristics
7/15
Figure 8.
Output characteristics
Figure 9.
Transfer characteristics
Figure 10. Normalized BVDSS vs temperature
Figure 11. Static drain-source on resistance
Figure 12. Gate charge vs gate-source voltage Figure 13. Capacitance variations
ID
6
4
2
0
0
10
VDS(V)
25
(A)
8
10
5V
6V
7V
VGS=10V
12
5
15
20
AM01579v1
ID
6
4
2
0
0
4
VGS(V)
8
(A)
2
6
10
8
1
3
5
7
9
VDS=15V
AM01580v1
BVDSS
-50
0
TJ(°C)
(norm)
50
100
0.70
0.80
0.90
1.00
1.10
AM01581v1
RDS(on)
1.3
1.2
1.1
1.0
1.5
2.5
ID(A)
(
Ω)
2
3
1.4
ID = 3.6 A
VGS =10 V
4
3.5
4.5
5
AM01586v1
VGS
6
4
2
0
0
10
Qg(nC)
(V)
40
8
20
30
10
VDD=760 V
VGS=10 V
ID=7.2 A
12
100
200
300
400
500
600
700
0
AM01583v1
C
100
10
1
0.1
0.1
10
VDS(V)
(pF)
1
1000
100
Ciss
Coss
Crss
AM01584v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com