Electronic Components Datasheet Search
  English  ▼

X  

STP7N95K3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP7N95K3
Description  N-channel 950 V, 1.1 Ohm, 7.2 A, TO-220, TO-220FP, TO-247 Zener-protected SuperMESH3 Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP7N95K3 Datasheet(HTML) 1 Page - STMicroelectronics

  STP7N95K3 Datasheet HTML 1Page - STMicroelectronics STP7N95K3 Datasheet HTML 2Page - STMicroelectronics STP7N95K3 Datasheet HTML 3Page - STMicroelectronics STP7N95K3 Datasheet HTML 4Page - STMicroelectronics STP7N95K3 Datasheet HTML 5Page - STMicroelectronics STP7N95K3 Datasheet HTML 6Page - STMicroelectronics STP7N95K3 Datasheet HTML 7Page - STMicroelectronics STP7N95K3 Datasheet HTML 8Page - STMicroelectronics STP7N95K3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
January 2009
Rev 1
1/15
15
STF7N95K3
STP7N95K3, STW7N95K3
N-channel 950 V, 1.1
Ω, 7.2 A, TO-220, TO-220FP, TO-247
Zener-protected SuperMESH3™ Power MOSFET
Features
■ 100% avalanche tested
■ Extremely large avalanche performance
■ Gate charge minimized
■ Very low intrinsic capacitances
■ Zener-protected
Application
■ Switching applications
Description
The new SuperMESH3™ series is obtained
through the combination of a further fine tuning of
ST's well established strip-based PowerMESH™
layout with a new optimized vertical structure. In
addition to pushing on-resistance significantly
down, special attention has been taken to ensure
a very good dynamic performances coupled with
a very large avalanche capability for the most
demanding application.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
max
ID
Pw
STF7N95K3
950 V
< 1.35
Ω 7.2 A 35 W
STP7N95K3
950 V
< 1.35
Ω 7.2 A 150 W
STW7N95K3
950 V
< 1.35
Ω 7.2 A 150 W
1
2
3
TO-220
TO-220FP
TO-247
1
2
3
1
2
3
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STF7N95K3
7N95K3
TO-220FP
Tube
STP7N95K3
7N95K3
TO-220
Tube
STW7N95K3
7N95K3
TO-247
Tube
www.st.com


Similar Part No. - STP7N95K3

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP7N95K3 ISC-STP7N95K3 Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP7N95K3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP5NK100Z STMICROELECTRONICS-STP5NK100Z Datasheet
435Kb / 16P
N-channel 1000V - 2.7??- 3.5A - TO-220/TO-220FP/TO-247 Zener-protected SuperMESH??Power MOSFET
16-Aug-2006
STB20NK50Z STMICROELECTRONICS-STB20NK50Z_09 Datasheet
613Kb / 18P
N-channel 500 V, 0.23 Ω, 17 A SuperMESH™Power MOSFET Zener-protected TO-220, TO-247, TO-220FP, D2PAK
26-Nov-2009
STB9NK90Z STMICROELECTRONICS-STB9NK90Z_10 Datasheet
997Kb / 17P
N-channel 900 V, 1.1 Ω, 8 A, TO-220, TO-220FP, D2PAK, TO-247 Zener-protected SuperMESH™Power MOSFET
19-May-2010
STF16NK60Z STMICROELECTRONICS-STF16NK60Z Datasheet
751Kb / 15P
N-channel 600 V, 038 Ω, 14 A, TO-220, TO-220FP, TO-247 Zener-protected SuperMESH™Power MOSFET
04-Dec-2009
STP5NK100Z STMICROELECTRONICS-STP5NK100Z_09 Datasheet
462Kb / 15P
N-channel 1000 V, 2.7 Ω, 3.5 A, TO-220, TO-220FP, TO-247 SuperMESH3??Power MOSFET
15-May-2009
STF13NK50Z STMICROELECTRONICS-STF13NK50Z Datasheet
522Kb / 15P
N-channel 500 V, 0.40 Ω, 11 A TO-220, TO-220FP, TO-247 Zener-protected SuperMESH™ Power MOSFET
19-Mar-2009
STD6N62K3 STMICROELECTRONICS-STD6N62K3 Datasheet
433Kb / 17P
N-channel 620 V, 1.1 廓, 5.5 A, IPAK, DPAK, TO-220,TO-220FP SuperMESH3??Power MOSFET
19-May-2006
STF10N65K3 STMICROELECTRONICS-STF10N65K3 Datasheet
958Kb / 17P
N-channel 650 V, 0.75 Ohm typ., 10 A Zener-protected SuperMESH3 Power MOSFET in TO-220FP, I2PAKFP and TO-220 packages
14-Nov-2012
logo
List of Unclassifed Man...
STW17N62K3 ETC2-STW17N62K3 Datasheet
976Kb / 17P
N-channel 620 V, 0.28 廓, 15.5 A, TO-220FP, TO-220, TO-247 SuperMESH3??Power MOSFET
logo
STMicroelectronics
STP13NK60ZT4 STMICROELECTRONICS-STP13NK60ZT4 Datasheet
495Kb / 18P
N-channel 600 V, 0.48, 13 A, TO-220, TO-220FP, D2PAK TO-247 Zener-protected SuperMESH Power MOSFET
15-Apr-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com