Electronic Components Datasheet Search
  English  ▼

X  

TS922AIST Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS922AIST
Description  Rail-to-rail, high output current dual operational amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS922AIST Datasheet(HTML) 1 Page - STMicroelectronics

  TS922AIST Datasheet HTML 1Page - STMicroelectronics TS922AIST Datasheet HTML 2Page - STMicroelectronics TS922AIST Datasheet HTML 3Page - STMicroelectronics TS922AIST Datasheet HTML 4Page - STMicroelectronics TS922AIST Datasheet HTML 5Page - STMicroelectronics TS922AIST Datasheet HTML 6Page - STMicroelectronics TS922AIST Datasheet HTML 7Page - STMicroelectronics TS922AIST Datasheet HTML 8Page - STMicroelectronics TS922AIST Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
This is information on a product in full production.
June 2013
DocID5150 Rev 11
1/24
TS922, TS922A
Rail-to-rail, high output current dual operational amplifier
Datasheet
- production data
Features
• Rail-to-rail input and output
• Low noise: 9 nV/√Hz
• Low distortion
• High output current: 80 mA
(able to drive 32
Ω loads)
• High-speed: 4 MHz, 1 V/μs
• Operating from 2.7 to 12 V
• Low input offset voltage: 900 μV max.
(TS922A)
• ESD internal protection: 2 kV
• Latch-up immunity
• Macromodel included in this specification
• Dual version available in Flip-chip package
Applications
• Headphone and servo amplifiers
• Sound cards, multimedia systems
• Line drivers, actuator drivers
• Mobile phones and portable equipment
• Instrumentation with low noise as key factor
• Piezoelectric speaker drivers
Description
TS922 and TS922A devices are rail-to-rail dual
BiCMOS operational amplifiers optimized and
fully specified for 3 V and 5 V operation. These
devices have high output currents which allow
low-load impedances to be driven.
Very low noise, low distortion, low offset, and
a high output current capability make these
devices an excellent choice for high quality, low
voltage, or battery operated audio systems.
The devices are stable for capacitive loads up to
500 pF.
D
SO8
(plastic micropackage)
P
TSSOP8
(thin shrink small outline package)
J
Flip-chip with backcoating
N
DIP8
(plastic package)
MiniSO8
(plastic micropackage)
www.st.com


Similar Part No. - TS922AIST

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS922AID/AIDT STMICROELECTRONICS-TS922AID/AIDT Datasheet
480Kb / 21P
Rail-to-rail high output current dual operational amplifier
26-Jan-2007
TS922AIN STMICROELECTRONICS-TS922AIN Datasheet
480Kb / 21P
Rail-to-rail high output current dual operational amplifier
26-Jan-2007
TS922AIPT STMICROELECTRONICS-TS922AIPT Datasheet
480Kb / 21P
Rail-to-rail high output current dual operational amplifier
26-Jan-2007
TS922AIYD/AIYDT STMICROELECTRONICS-TS922AIYD/AIYDT Datasheet
480Kb / 21P
Rail-to-rail high output current dual operational amplifier
26-Jan-2007
TS922AIYPT STMICROELECTRONICS-TS922AIYPT Datasheet
480Kb / 21P
Rail-to-rail high output current dual operational amplifier
26-Jan-2007
More results

Similar Description - TS922AIST

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS921 STMICROELECTRONICS-TS921 Datasheet
115Kb / 11P
RAIL TO RAIL HIGH OUTPUT CURRENT SINGLE OPERATIONAL AMPLIFIER
Mar-1999
TS922 STMICROELECTRONICS-TS922 Datasheet
117Kb / 11P
RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER
March 1999
TS924 STMICROELECTRONICS-TS924 Datasheet
131Kb / 11P
RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER
Mar-1999
TS922H STMICROELECTRONICS-TS922H Datasheet
46Kb / 6P
RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER
Sep-2003
TS922 STMICROELECTRONICS-TS922_07 Datasheet
480Kb / 21P
Rail-to-rail high output current dual operational amplifier
26-Jan-2007
TS921 STMICROELECTRONICS-TS921_05 Datasheet
371Kb / 14P
Rail-to-Rail High Output Current Single Operational Amplifier
Nov-2005
TS924 STMICROELECTRONICS-TS924_08 Datasheet
322Kb / 14P
Rail-to-rail high output current quad operational amplifier
11-Mar-2008
logo
SG Micro Corp
SGM8922 SGMICRO-SGM8922 Datasheet
324Kb / 10P
Dual Rail-to-Rail Output Operational Amplifier
logo
STMicroelectronics
RT922 STMICROELECTRONICS-RT922 Datasheet
482Kb / 15P
RobuST, rail-to-rail, high output current dual operational amplifier
08-Oct-2014
logo
New Japan Radio
NJU77902 NJRC-NJU77902 Datasheet
780Kb / 14P
High Output Current, Rail-to-Rail Input/Output Dual CMOS Operational Amplifier
Ver.2014-08-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com