Electronic Components Datasheet Search
  English  ▼

X  

P0502 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # P0502
Description  Solutions based on impedance, size and current
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

P0502 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  P0502 Datasheet HTML 1Page - Pulse A Technitrol Company P0502 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
116
SPM2007 (7/07)
SMT COMMON MODE CHOKES
1.22A to 14.0A
Solutions based on impedance, size and
current
Designed for DC/DC converters
Wide variety of inductor sizes and current
ratings available
Dielectric strength: 1000VRMS
Part 1,2
Inductance
Irated
DCR (MAX)
Curve
Package
Weight
Quantity
Quantity
Number
(mH ±35%)
(A)
(m
Ω)
(see # below)
(Grams)
In Tube
In Reel
P0502
0.47
14.0
8
9
Big Foot
14.8
15
75
P0469
0.63
11.6
10
7
Big Foot
14.3
20
75
P0429
0.81
9.70
14
6
Big Foot
13.5
20
75
P0527
0.53
7.20
15
8
HCCI-68
7.7
15
100
P0353
0.59
5.60
21
7
LCCI-50
5.2
30
200
P0422
0.77
4.70
40
6
LCCI-50
4.9
30
200
P0421
0.22
3.30
60
5
LCCI-50
4.7
30
200
P0420
1.32
3.30
60
4
LCCI-50
4.6
30
200
P0351
1.47
2.80
80
3
LCCI-50
4.3
30
200
P0473
0.88
1.63
110
2
Polecat
1.5
40
500
P0354
1.17
1.22
200
1
Polecat
1.4
40
500
Electrical Specifications @ 25°C — Operating Temperature - 40°C to +120°C 3
Impedance Curves
100 KHz
1 MHz
10 MHz
100 MHz
Frequency
7.5K
6.0K
4.5K
3.0K
1.5K
0
6
7
9
8
100 KHz
1 MHz
10 MHz
100 MHz
Frequency
15K
12K
9K
6K
3K
0
4
1
2
3
5
NOTE:
1. Optional Tape & Reel packaging can be ordered by adding a "T"
suffix to the part number (i.e. P0502 becomes P0502T). Pulse
complies to industry standard tape and reel specification EIA481.
2. To order RoHS compliant part, add the suffix “NL” to the part number
(i.e. P0502 becomes P0502NL and P0502T becomes P0502NLT).
3. The temperature of the component (ambient plus temperature rise)
must be within the stated operating temperature range.


Similar Part No. - P0502

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P0502 PULSE-P0502 Datasheet
129Kb / 2P
SMT COMMON MODE CHOKES
logo
Wuxi U-NIKC Semiconduct...
P0502CEA UNIKC-P0502CEA Datasheet
454Kb / 6P
N-Channel Enhancement Mode MOSFET
logo
Pulse A Technitrol Comp...
P0502NL PULSE-P0502NL Datasheet
782Kb / 2P
Designed for DC/DC converters, Wide variety of inductor sizes and current ratings available
P0502NL PULSE-P0502NL Datasheet
782Kb / 2P
Solutions based on impedance, size and current, Designed for DC/DC converters, Dielectric strength: 1000VRMS
P0502NL PULSE-P0502NL Datasheet
784Kb / 2P
Solutions based on impedance, size and current
More results

Similar Description - P0502

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ILL017V1 STMICROELECTRONICS-STEVAL-ILL017V1 Datasheet
126Kb / 4P
Offline constant current LED driver based on the VIPer17
01-Sep-2008
logo
Pulse A Technitrol Comp...
P0421NLT PULSE-P0421NLT Datasheet
782Kb / 2P
Solutions based on impedance, size and current, Designed for DC/DC converters, Dielectric strength: 1000VRMS
P0354T PULSE-P0354T Datasheet
129Kb / 2P
Solutions based on impedance, size and current
P0420NLT PULSE-P0420NLT Datasheet
784Kb / 2P
Solutions based on impedance, size and current
logo
Texas Instruments
TMDXMDKDS3254 TI-TMDXMDKDS3254 Datasheet
157Kb / 2P
Low-power signal chain solutions based on C5505 DSP for portable medical application development
logo
Pulse A Technitrol Comp...
SPM2007 PULSE-SPM2007_63 Datasheet
784Kb / 2P
Solutions based on impedance, size and current Designed for DC/DC converters
P0354NLT PULSE-P0354NLT Datasheet
784Kb / 2P
Solutions based on impedance, size and current
logo
STMicroelectronics
AN2823 STMICROELECTRONICS-AN2823 Datasheet
1Mb / 33P
Current source for LED driving based on the L5973AD
11-Aug-2009
logo
Murata Manufacturing Co...
LQW15AN9N7H0Z MURATA-LQW15AN9N7H0Z Datasheet
76Kb / 2P
Rated current (Itemp) (Based on Temperature rise)
logo
List of Unclassifed Man...
EQ6-40 ETC-EQ6-40 Datasheet
836Kb / 4P
Matched 50 Ohm Impedance on Input and Output Ports
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com