Electronic Components Datasheet Search
  English  ▼

X  

UA741CD/CDT Datasheet(PDF) 3 Page - STMicroelectronics

Part # UA741CD/CDT
Description  General-purpose single operational amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UA741CD/CDT Datasheet(HTML) 3 Page - STMicroelectronics

  UA741CD/CDT Datasheet HTML 1Page - STMicroelectronics UA741CD/CDT Datasheet HTML 2Page - STMicroelectronics UA741CD/CDT Datasheet HTML 3Page - STMicroelectronics UA741CD/CDT Datasheet HTML 4Page - STMicroelectronics UA741CD/CDT Datasheet HTML 5Page - STMicroelectronics UA741CD/CDT Datasheet HTML 6Page - STMicroelectronics UA741CD/CDT Datasheet HTML 7Page - STMicroelectronics UA741CD/CDT Datasheet HTML 8Page - STMicroelectronics UA741CD/CDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
UA741
Absolute maximum ratings and operating conditions
Doc ID 5304 Rev 2
3/11
2
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
±22
V
Vid
Differential input voltage
±30
V
Vi
Input voltage
±15
V
Output short-circuit duration
Infinite
Rthja
Thermal resistance junction to ambient
SO-8
DIP8
125
85
°C/W
Rthjc
Thermal resistance junction to case
SO-8
DIP8
40
41
°C/W
ESD
HBM: human body model(1)
DIP package
SO package
1.
Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a
1.5k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
500
400
V
MM: machine model(2)
2.
Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
connected pin combinations while the other pins are floating.
100
V
CDM: charged device model(3)
3.
Charged device model: all pins and the package are charged together to the specified voltage and then
discharged directly to the ground through only one pin. This is done for all pins.
1.5
kV
Tstg
Storage temperature range
-65 to +150
°C
Table 2.
Operating conditions
Symbol
Parameter
UA741I
UA741C
Unit
VCC
Supply voltage
5 to 40
V
Vicm
Common mode input voltage range
±12
V
Toper
Operating free air temperature range
-40 to +105
0 to +70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com