Electronic Components Datasheet Search
  English  ▼

X  

EX20243 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # EX20243
Description  LAN ISOLATION TRANSFORMER CATALOG
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

EX20243 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  EX20243 Datasheet HTML 1Page - Pulse A Technitrol Company EX20243 Datasheet HTML 2Page - Pulse A Technitrol Company EX20243 Datasheet HTML 3Page - Pulse A Technitrol Company EX20243 Datasheet HTML 4Page - Pulse A Technitrol Company EX20243 Datasheet HTML 5Page - Pulse A Technitrol Company EX20243 Datasheet HTML 6Page - Pulse A Technitrol Company EX20243 Datasheet HTML 7Page - Pulse A Technitrol Company EX20243 Datasheet HTML 8Page - Pulse A Technitrol Company EX20243 Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.pulseeng.com
2
EC100.N (1/10)
USA 858 674 8100Germany 49 7032 7806 0Singapore 65 6287 8998Shanghai 86 21 62787060China 86 755 33966678Taiwan 886 3 4356768
Meets IEEE 802.3 specification
Available with common mode chokes
for EMI suppression
Through hole, auto-insertable, 16-pin
DIP package
ISOLATION TRANSFORMERS
FOR 10BASE-T
For Adapter Cards, MAUs, Hubs,
and Motherboard Applications
Electrical Specifications @ 25°C — Operating Temperature 0°C to 70°C
Turns Ratio
Common
Sine Wave
Interwinding
Leakage
Part 2
(±5%)
Primary
Mode
Inductance
Capacitance
Inductance
DCR
Hipot
Schem. Mech
Number
Pins
Choke
OCL
Cww
1
LL
1
(
Ω MAX) (Vrms)
Transmit
Receive
(µH MIN)
(pF MAX)
(µH MAX)
SURFACE MOUNT
2
PAGES
6-7
PAGES
8-9
23Z128SM
1CT:1.414CT
1CT:1CT
6-8/1-3
—
200
15
0.5
0.4
2000
T4
SMT5
23Z356SM
1CT:1.414CT
1CT:1CT
6-8/1-3
✓
200
12
0.5
0.6
2000
T7
SMT5
23Z467SM
1CT:2CT
1CT:1CT
6-8/1-3
✓
140
12
0.2
0.6
2000
T7
SMT5
E2023 4
1CT: 2.5CT
1CT: 1CT
6-8/1-3
✓
200
15
0.5
0.4
2000
T10
SMT4
E4001
1CT:2CT
1CT:1CT
6-8/1-3
✓
112
8
0.3
0.8
3000
T5
SMT4
EX2024 3
1CT: 2.5CT
1CT:1CT
6-8/1-3
✓
350
30
0.8
0.6
2000
T10
SMT4
PE-65454
1:1.414
1:1
3-4/1-2
—
140
12
0.2
0.4
2000
T1
SMT2
PE-65745
1CT: 1.414CT
1CT:1CT
6-8/1-3
—
140
12
0.2
0.3
1500
T4
SMT4
PE-68023
1CT:2CT
1CT:1CT
1-3/6-8
✓
200
12
0.3
1.0
1500
T6
SMT4
PE-68048
1CT: 1.414CT
1CT:1CT
6-8/1-3
✓
110
15
0.4
1.0
1500
T5
SMT4
PE-68052
2CT:1CT
1CT:1CT
1-3/6-8
✓
140
12
0.3
1.0
1500
T6
SMT4
PE-68810
—
1:1 (4X)
1-2/3-4
—
140
12
0.2
0.4
2000
T3
SMT4
PE-68820
1:1.414 (4X)
—
1-2/3-4
—
40
12
0.2
0.4
2000
T3
SMT4
5-6/7-8
THROUGH HOLE
PAGE
6
PAGE
10
23Z128
1CT: 2CT
1CT:1CT
6-8/1-3
—
140
15
0.5
0.4
2000
T4
TH3
1. OCL, Cww and LL are measured at 20 mVrms, 100 kHz.
2. For Tape & Reel packaging, add the suffix “T” to the end of the part number when ordering. e.g. E2023T.
3. Part numbers denoted ”EX” are extended temperature parts -40°C to 85°C, electrical specifications @ 25°C.
4. E2023NL is the RoHS compliant version of E2023.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com