Electronic Components Datasheet Search
  English  ▼

X  

S2012DRP Datasheet(PDF) 1 Page - Littelfuse

Part # S2012DRP
Description  New small profile three-leaded Compak package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S2012DRP Datasheet(HTML) 1 Page - Littelfuse

  S2012DRP Datasheet HTML 1Page - Littelfuse S2012DRP Datasheet HTML 2Page - Littelfuse S2012DRP Datasheet HTML 3Page - Littelfuse S2012DRP Datasheet HTML 4Page - Littelfuse S2012DRP Datasheet HTML 5Page - Littelfuse S2012DRP Datasheet HTML 6Page - Littelfuse S2012DRP Datasheet HTML 7Page - Littelfuse S2012DRP Datasheet HTML 8Page - Littelfuse S2012DRP Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2004 Littelfuse, Inc.
E6 - 1
http://www.littelfuse.com
Thyristor Product Catalog
+1 972-580-7777
*
Selected
Packag
es
U.L.
RECOGN
IZED
File
#E71639
AK
G
SCRs
(1 A to 70 A)
E6
General Description
The Teccor line of thyristor SCR semi-conductors are half-wave,
unidirectional, gate-controlled rectifiers which complement Tec-
cor's line of sensitive SCRs. Teccor offers devices with ratings of
1 A to 70 A and 200 V to 1000 V, with gate sensitivities from
10 mA to 50 mA. If gate currents in the 12 µA to 500 µA ranges
are required, see “Sensitive SCRs” section of this catalog.
Three packages are offered in electrically isolated construction
where the case or tab is internally isolated to allow the use of
low-cost assembly and convenient packaging techniques.
The Teccor line of SCRs features glass-passivated junctions to
ensure long-term reliability and parameter stability. Teccor’s
glass offers a rugged, reliable barrier against junction contamina-
tion.
Variations of devices covered in this data sheet are available for
custom design applications. Consult the factory for more informa-
tion.
R
oHS
Features
•RoHS Compliant
•
Electrically-isolated package
•
High voltage capability — 200 V to 1000 V
•
High surge capability — up to 950 A
•
Glass-passivated chip
Compak SCR
•
Surface mount package — 1 A series
•
New small profile three-leaded Compak package
•
Packaged in embossed carrier tape with 2,500
devices per reel
•
Can replace SOT-223
E6
TO-92
*TO-218
TO-202
*TO-218X
3-lead
Compak
TO-252
D-Pak
TO-251
V-Pak
*TO-220
TO-263
D2Pak


Similar Part No. - S2012DRP

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
S2012D TECCOR-S2012D Datasheet
222Kb / 12P
SCRs
logo
Littelfuse
S2012D LITTELFUSE-S2012D Datasheet
212Kb / 12P
SCRs (1 A to 70 A)
S2012D LITTELFUSE-S2012D Datasheet
218Kb / 12P
RoHS Compliant, Electrically-isolated package
S2012D LITTELFUSE-S2012D Datasheet
218Kb / 12P
RoHS Compliant
logo
List of Unclassifed Man...
S2012D ETC2-S2012D Datasheet
218Kb / 12P
RoHS Compliant
More results

Similar Description - S2012DRP

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FPT-28P-M17 FUJITSU-FPT-28P-M17 Datasheet
36Kb / 1P
SMALL OUTLINE L-LEADED PACKAGE 28 PIN PLASTIC
FPT-8P-M01 FUJITSU-FPT-8P-M01 Datasheet
23Kb / 1P
SMALL OUTLINE L-LEADED PACKAGE
FPT-8P-M02 FUJITSU-FPT-8P-M02 Datasheet
23Kb / 1P
SMALL OUTLINE L-LEADED PACKAGE 8 PIN PLASTIC
logo
List of Unclassifed Man...
PHE840M ETC2-PHE840M Datasheet
55Kb / 3P
New, small dimensions including low profile capacitors
logo
Murata Manufacturing Co...
DSS6NZ82A103Q55B MURATA-DSS6NZ82A103Q55B Datasheet
154Kb / 5P
Leaded EMIFIL (Three-terminal Capacitor type) Small Type
DSS6NC52A102Q93A MURATA-DSS6NC52A102Q93A Datasheet
154Kb / 5P
Leaded EMIFIL (Three-terminal Capacitor type) Small Type
DSS6NC52A221T51B MURATA-DSS6NC52A221T51B Datasheet
154Kb / 5P
Leaded EMIFIL (Three-terminal Capacitor type) Small Type
logo
Kemet Corporation
PHE850EA4100MA06R17 KEMET-PHE850EA4100MA06R17 Datasheet
409Kb / 2P
New, small dimensions including low profile capacitors
logo
Murata Manufacturing Co...
DSN6NC51H222Q55B MURATA-DSN6NC51H222Q55B Datasheet
154Kb / 5P
Leaded EMIFILr (Three-terminal Capacitor type) Small Type
logo
Advanced Power Electron...
AP2606GY-HF A-POWER-AP2606GY-HF_16 Datasheet
99Kb / 5P
Small Footprint & Low Profile Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com