Electronic Components Datasheet Search
  English  ▼

X  

SMBJ13CA Datasheet(PDF) 6 Page - STMicroelectronics

Part # SMBJ13CA
Description  Transil
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMBJ13CA Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SMBJ13CA Datasheet HTML 2Page - STMicroelectronics SMBJ13CA Datasheet HTML 3Page - STMicroelectronics SMBJ13CA Datasheet HTML 4Page - STMicroelectronics SMBJ13CA Datasheet HTML 5Page - STMicroelectronics SMBJ13CA Datasheet HTML 6Page - STMicroelectronics SMBJ13CA Datasheet HTML 7Page - STMicroelectronics SMBJ13CA Datasheet HTML 8Page - STMicroelectronics SMBJ13CA Datasheet HTML 9Page - STMicroelectronics SMBJ13CA Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Ordering information scheme
SMBJ
6/10
Doc ID 5616 Rev 10
2
Ordering information scheme
Figure 12. Ordering information scheme
SM
B
J
85
CA
-
TR
Surface mount
Peak pulse power
B = 600 W Transil in SMB
Stand off voltage
85 = 85 V
Type
A = Unidirectional
CA = Bidirectional
Delivery mode
TR = Tape and reel



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com