Electronic Components Datasheet Search
  English  ▼

X  

M68HC11K Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # M68HC11K
Description  M68HC11K Family Technical Data
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC11K Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button M68HC11K Datasheet HTML 61Page - Freescale Semiconductor, Inc M68HC11K Datasheet HTML 62Page - Freescale Semiconductor, Inc M68HC11K Datasheet HTML 63Page - Freescale Semiconductor, Inc M68HC11K Datasheet HTML 64Page - Freescale Semiconductor, Inc M68HC11K Datasheet HTML 65Page - Freescale Semiconductor, Inc M68HC11K Datasheet HTML 66Page - Freescale Semiconductor, Inc M68HC11K Datasheet HTML 67Page - Freescale Semiconductor, Inc M68HC11K Datasheet HTML 68Page - Freescale Semiconductor, Inc M68HC11K Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 290 page
background image
Operating Modes and On-Chip Memory
Control Registers
M68HC11K Family
Technical Data
MOTOROLA
Operating Modes and On-Chip Memory
65
NOTE:
Throughout this manual, the registers are discussed by function. In the
event that not all bits in a register are referenced, the bits that are not
discussed are shaded.
Addr.
Register Name
Bit 7
6
5
4
3
2
1
Bit 0
$0000
Port A Data Register
(PORTA)
See page 138.
Read:
PA7PA6
PA5PA4
PA3PA2
PA1PA0
Write:
Reset:
Undefined after reset
$0001
Port A Data Direction
Register (DDRA)
See page 138.
Read:
DDA7
DDA6
DDA5
DDA4
DDA3
DDA2
DDA1
DDA0
Write:
Reset:
00
00
00
00
$0002
Port B Data Direction
Register (DDRB)
See page 139.
Read:
DDB7
DDB6
DDB5
DDB4
DDB3
DDB2
DDB1
DDB0
Write:
Reset:
00
00
00
00
$0003
Port F Data Direction
Register (DDRF)
See page 144.
Read:
DDF7
DDF6
DDF5
DDF4
DDF3
DDF2
DDF1
DDF0
Write:
Reset:
00
00
00
00
$0004
Port B Data Register
(PORTB)
See page 139.
Read:
PB7
PB6
PB5
PB4
PB3
PB2
PB1
PB0
Write:
Reset:
Undefined after reset
$0005
Port F Data Register
(PORTF)
See page 144.
Read:
PF7
PF6
PF5
PF4
PF3
PF2
PF1
PF0
Write:
Reset:
Undefined after reset
$0006
Port C Data Register
(PORTC)
See page 140.
Read:
PC7
PC6
PC5
PC4
PC3
PC2
PC1
PC0
Write:
Reset:
Undefined after reset
$0007
Port C Data Direction
Register (DDRC)
See page 141.
Read:
DDC7
DDC6
DDC5
DDC4
DDC3
DDC2
DDC1
DDC0
Write:
Reset:
00
00
00
00
$0008
Port D Data Register
(PORTD)
See page 142.
Read:
0
0
PD5
PD4
PD3
PD2
PD1
PD0
Write:
Reset:
0
0
UU
UU
U
U
$0009
Port D Data Direction
Register (DDRD)
See page 142.
Read:
0
0
DDD5
DDD4
DDD3
DDD2
DDD1
DDD0
Write:
Reset:
00
00
00
00
= Unimplemented
R
= Reserved
U = Undefined
Figure 4-1. Register and Control Bit Assignments (Sheet 1 of 11)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com