Electronic Components Datasheet Search
  English  ▼

X  

PE9684 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9684
Description  SMA Female to N Male QD Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9684 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9684 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9684 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9684 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMA Female to N Male QD Adapter
Configuration
Connector 1
SMA Female
Impedance 1
50 Ohms
Connector Specification 1
MIL-C-39012
Connector 2
N Male
Impedance 2
50 Ohms
Connector Specification 2
MIL-C-39012
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
1.668 [42.37]
Width/Dia., in [mm]
0.82 [20.83]
.
Connector 1
Type
SMA Female
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
QQ-P-35
Dielectric Type
Teflon
Connector 2
Type
N Male
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Coupling Nut Material and Plating
Passivated Stainless Steel
Coupling Nut Plating Specification
QQ-P-35
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
QQ-P-35
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
SMA Female to N Male QD Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female to N Male QD Adapter PE9684
PE9684
PE9684 REV


Similar Part No. - PE9684

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9680 PASTERNACK-PE9680 Datasheet
102Kb / 1P
PAL PLUG TO PAL PLUG
PE9681 PASTERNACK-PE9681 Datasheet
102Kb / 1P
PAL JACK TO PAL JACK
PE9682 PASTERNACK-PE9682 Datasheet
258Kb / 3P
SMA Male to Reverse Thread SMA Female Adapter
PE9683 PASTERNACK-PE9683 Datasheet
259Kb / 3P
SMA Female to Reverse Thread SMA Male Adapter
PE9685 PASTERNACK-PE9685 Datasheet
258Kb / 3P
QD SSMA Male to SSMA Female Adapter
More results

Similar Description - PE9684

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9685 PASTERNACK-PE9685 Datasheet
258Kb / 3P
QD SSMA Male to SSMA Female Adapter
PE9546 PASTERNACK-PE9546 Datasheet
242Kb / 2P
QD SMA Male to SMA Female Adapter
PE9774 PASTERNACK-PE9774 Datasheet
251Kb / 3P
Precision QD SMA Male to SMA Female Adapter
PE91265 PASTERNACK-PE91265 Datasheet
347Kb / 3P
QD SMA Male to Reverse Polarity SMA Female Adapter
PE91266 PASTERNACK-PE91266 Datasheet
347Kb / 3P
QD Reverse Polarity SMA Male to SMA Male Adapter
PE91267 PASTERNACK-PE91267 Datasheet
348Kb / 3P
QD Reverse Polarity SMA Male to SMA Female Adapter
PE91268 PASTERNACK-PE91268 Datasheet
348Kb / 3P
QD Reverse Polarity SMA Male to Reverse Polarity SMA Female Adapter
PE9547 PASTERNACK-PE9547 Datasheet
344Kb / 3P
QD N Male to N Female Adapter
PE9561 PASTERNACK-PE9561 Datasheet
342Kb / 3P
QD TNC Male to TNC Female Adapter
logo
Mini-Circuits
SFR-NM50 MINI-SFR-NM50 Datasheet
179Kb / 2P
Adapter SMA-Female to N-Male
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com