Electronic Components Datasheet Search
  English  ▼

X  

PE44600 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44600
Description  QN Male Right Angle Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44600 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44600 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44600 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44600 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
QN Male Right Angle Connector Crimp/Solder
Attachment For RG55, RG142, RG223, RG400
QN Male Right Angle Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400
Configuration
Connector
QN Male
Connector Interface Type
RG55,RG142,RG223,RG400
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Right Angle
Electrical Specifications
Frequency Range, GHz
DC to 11
Impedance, Ohms
50
Maximum Operating Voltage, Volts
1,000
Dielectric Withstanding Voltage, Vrms
2,500
Frequency 1
Frequency, GHz
DC to 2.5
VSWR
1.05:1
Return Loss, dB
32
Insertion Loss, dB
0.079
Frequency 2
Frequency, GHz
2.5 to 4
VSWR
1.15:1
Return Loss, dB
23
Insertion Loss, dB
0.1
Frequency 3
Frequency, GHz
4 to 6
VSWR
1.11:1
Return Loss, dB
20
Insertion Loss, dB
0.12
Mechanical Specifications
Temperature
Operating Range, deg C
-40 to +125
Size
Length, in [mm]
0.894 [22.71]
Width/Dia., in [mm]
0.745 [19]
.
Weight, lbs [g]
0.137 [62.14]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: QN Male Right Angle Connector Crimp/Solder Attachment For RG55, RG142, RG223,
RG400 PE44600
PE44600
PE44600 REV


Similar Part No. - PE44600

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4460 PASTERNACK-PE4460 Datasheet
354Kb / 3P
75 Ohm TNC Female Connector Clamp - Solder Attachment for RG59, RG62
PE4460 PASTERNACK-PE4460 Datasheet
319Kb / 3P
TNC Female Connector Clamp/Solder Attachment
PE44601 PASTERNACK-PE44601 Datasheet
237Kb / 3P
QN Male Right Angle Connector Crimp - Solder Attachment For RG58, RG141, RG303
PE44602 PASTERNACK-PE44602 Datasheet
208Kb / 2P
QN Male Right Angle Connector Crimp/ Solder Attachment For RG213, RG215
PE44603 PASTERNACK-PE44603 Datasheet
209Kb / 2P
QN Male Right Angle Connector Crimp - Solder Attachment For RG214, RG225
More results

Similar Description - PE44600

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4002 PASTERNACK-PE4002 Datasheet
285Kb / 3P
SMA Male Right Angle Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400
PE4484 PASTERNACK-PE4484 Datasheet
262Kb / 2P
N Male Right Angle Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4477 PASTERNACK-PE4477 Datasheet
229Kb / 3P
HN Male Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400
PE4047 PASTERNACK-PE4047 Datasheet
268Kb / 3P
TNC Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE44515 PASTERNACK-PE44515 Datasheet
147Kb / 1P
QMA MALE RIGHT ANGLE SOLDER CRIMP ATTACHMENT FOR RG55 RG142 RG223 & RG400
PE44788 PASTERNACK-PE44788 Datasheet
224Kb / 3P
N Male Connector Crimp-Solder Attachment For RG223, RG142, RG400, RG55
PE44514 PASTERNACK-PE44514 Datasheet
296Kb / 2P
QMA Male Connector Crimp - Solder Attachment For RG55, RG142, RG223, RG400
PE44595 PASTERNACK-PE44595 Datasheet
223Kb / 3P
QN Male Connector Crimp - Solder Attachment For RG55, RG142, RG223, RG400
PE44978 PASTERNACK-PE44978 Datasheet
200Kb / 3P
QN Male Connector Crimp - Solder Attachment For RG55, RG142, RG223, RG400
PE44975 PASTERNACK-PE44975 Datasheet
200Kb / 2P
RP SMA Male Right Angle Connector Crimp - Solder Attachment For RG55, RG141, RG142, RG223, RG400
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com