Electronic Components Datasheet Search
  English  ▼

X  

PE44630 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44630
Description  75 Ohm BNC Male Connector Crimp/Solder Attachment For Mini 59, PE-B159, High Definition
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44630 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44630 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44630 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm BNC Male Connector Crimp/Solder Attachment For Mini 59, PE-B159, High Definition
Configuration
Connector
BNC Male
Connector Interface Type
Mini 59,PE-B159
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
75
Mechanical Specifications
Size
Length, in [mm]
1.175 [29.85]
Width/Dia., in [mm]
0.57 [14.48]
.
Weight, lbs [g]
0.02 [9.07]
Connector
Type
BNC Male
Contact Material and Plating
Brass, Gold
Coupling Nut Material and Plating
Brass, Black Chrome
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
75 Ohm BNC Male Connector Crimp/Solder Attachment For Mini 59, PE-B159, High Definition from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm BNC Male Connector Crimp/Solder Attachment For Mini 59, PE-B159, High Definition
PE44630
URL: http://www.pasternack.com/bnc-male-standard-mini-59-pe-b159-connector-pe44630-p.aspx
PE44630
PE44630 REV 01
75 Ohm BNC Male Connector Crimp/Solder
Attachment For Mini 59, PE-B159, High Definition


Similar Part No. - PE44630

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4463 PASTERNACK-PE4463 Datasheet
117Kb / 1P
TNC FEMALE CLAM ATTACHMENT
PE44631 PASTERNACK-PE44631 Datasheet
218Kb / 2P
75 Ohm BNC Male Connector Crimp-Solder Attachment For 1505A, High Definition
PE44632 PASTERNACK-PE44632 Datasheet
216Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For 1694A, High Definition
PE44633 PASTERNACK-PE44633 Datasheet
282Kb / 1P
N FEMALE BULKHEAD; CLAMP ATTACHMENT FOR RG178 & RG196
PE44634 PASTERNACK-PE44634 Datasheet
214Kb / 2P
TNC Male Connector Crimp/Solder Attachment For RG8X, PE-C240, 0.240 inch
More results

Similar Description - PE44630

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44578 PASTERNACK-PE44578 Datasheet
222Kb / 2P
75 Ohm BNC Male Connector Compression Attachment For Mini 59, PE-B159
PE44584 PASTERNACK-PE44584 Datasheet
205Kb / 2P
75 Ohm BNC Male Precision Connector Crimp/ Solder Attachment For Mini 59, PE-B159
PE44574 PASTERNACK-PE44574 Datasheet
204Kb / 2P
75 Ohm RCA Male Precision Connector Compression Attachment For Mini 59, PE-B159
PE44576 PASTERNACK-PE44576 Datasheet
216Kb / 2P
75 Ohm RCA Male Connector Compression Attachment For Mini 59, PE-B159
PE44622 PASTERNACK-PE44622 Datasheet
207Kb / 2P
75 Ohm RCA Male Connector Crimp - Solder Attachment For Mini 59, PE-B159
PE44625 PASTERNACK-PE44625 Datasheet
245Kb / 2P
75 Ohm BNC Male Connector Crimp-Solder Attachment For Mini 59, PE-B159
PE44573 PASTERNACK-PE44573 Datasheet
210Kb / 2P
75 Ohm F Male Connector Compression Attachment For Mini 59, PE-B159
PE44589 PASTERNACK-PE44589 Datasheet
205Kb / 2P
75 Ohm Mini SMB Plug Right Angle Precision Connector Crimp/Solder Attachment For Mini 59, PE-B159
PE44590 PASTERNACK-PE44590 Datasheet
212Kb / 2P
75 Ohm Mini SMB Jack Precision Connector Crimp/ Solder Attachment For Mini 59, PE-B159
PE44582 PASTERNACK-PE44582 Datasheet
373Kb / 3P
75 Ohm F Male Connector Crimp/Solder Attachment for PE-B159, 1855A, Mini 59
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com