Electronic Components Datasheet Search
  English  ▼

X  

PE44632 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44632
Description  75 Ohm BNC Male Connector Crimp/Solder Attachment For 1694A, High Definition
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44632 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44632 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44632 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm BNC Male Connector Crimp/Solder Attachment For 1694A, High Definition
Configuration
Connector
BNC Male
Connector Interface Type
1694A
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
75
Mechanical Specifications
Size
Length, in [mm]
1.17 [29.72]
Width/Dia., in [mm]
0.57 [14.48]
.
Weight, lbs [g]
0.02 [9.07]
Connector
Type
BNC Male
Contact Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Black Chrome
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
75 Ohm BNC Male Connector Crimp/Solder Attachment For 1694A, High Definition from Pasternack Enterprises has same
day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm BNC Male Connector Crimp/Solder Attachment For 1694A, High Definition PE44632
URL:
http://www.pasternack.com/bnc-male-standard-1694a-connector-pe44632-p.aspx
PE44632
PE44632 REV 01
75 Ohm BNC Male Connector Crimp/Solder
Attachment For 1694A, High Definition


Similar Part No. - PE44632

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4463 PASTERNACK-PE4463 Datasheet
117Kb / 1P
TNC FEMALE CLAM ATTACHMENT
PE44630 PASTERNACK-PE44630 Datasheet
214Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For Mini 59, PE-B159, High Definition
PE44631 PASTERNACK-PE44631 Datasheet
218Kb / 2P
75 Ohm BNC Male Connector Crimp-Solder Attachment For 1505A, High Definition
PE44633 PASTERNACK-PE44633 Datasheet
282Kb / 1P
N FEMALE BULKHEAD; CLAMP ATTACHMENT FOR RG178 & RG196
PE44634 PASTERNACK-PE44634 Datasheet
214Kb / 2P
TNC Male Connector Crimp/Solder Attachment For RG8X, PE-C240, 0.240 inch
More results

Similar Description - PE44632

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4602 PASTERNACK-PE4602 Datasheet
253Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For RG59
PE4598 PASTERNACK-PE4598 Datasheet
250Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For RG6
PE4600 PASTERNACK-PE4600 Datasheet
257Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For RG11
PE44627 PASTERNACK-PE44627 Datasheet
206Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For 1694A
PE44630 PASTERNACK-PE44630 Datasheet
214Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For Mini 59, PE-B159, High Definition
PE44623 PASTERNACK-PE44623 Datasheet
207Kb / 2P
75 Ohm RCA Male Connector Crimp - Solder Attachment For 1694A
PE44631 PASTERNACK-PE44631 Datasheet
218Kb / 2P
75 Ohm BNC Male Connector Crimp-Solder Attachment For 1505A, High Definition
PE45116 PASTERNACK-PE45116 Datasheet
344Kb / 3P
75 Ohm BNC Male Connector Crimp/ Solder Attachment for Belden 1694A
PE4600 PASTERNACK-PE4600_16 Datasheet
359Kb / 3P
75 Ohm BNC Male Connector Crimp/Solder Attachment
PE4604 PASTERNACK-PE4604_16 Datasheet
322Kb / 3P
75 Ohm BNC Male Connector Crimp/Solder Attachment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com