Electronic Components Datasheet Search
  English  ▼

X  

ALPHA-TX Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ALPHA-TX
Description  ALPHA RF MODULES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ALPHA-TX Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ALPHA-TX Datasheet HTML 5Page - List of Unclassifed Manufacturers ALPHA-TX Datasheet HTML 6Page - List of Unclassifed Manufacturers ALPHA-TX Datasheet HTML 7Page - List of Unclassifed Manufacturers ALPHA-TX Datasheet HTML 8Page - List of Unclassifed Manufacturers ALPHA-TX Datasheet HTML 9Page - List of Unclassifed Manufacturers ALPHA-TX Datasheet HTML 10Page - List of Unclassifed Manufacturers ALPHA-TX Datasheet HTML 11Page - List of Unclassifed Manufacturers ALPHA-TX Datasheet HTML 12Page - List of Unclassifed Manufacturers ALPHA-TX Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
DSALPHA-3
Jul 09
©
2009 RF Solutions Ltd.
Page 9
ALPHA RF MODULES
ALPHA-TX
ALPHA-RX
5
.
.
.
. Data Rate Command
bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
POR
1
1
0
0
1
0
0
0
r7
r6
r5
r4
r3
r2
r1
r0
C800h
r7..r0: set data rate
BR=10000000/29/:R+1:
BR is data rate
6
.
.
.
. Power Setting Command
bit
7
6
5
4
3
2
1
0
POR
1
0
1
1
0
p2
p1
p0
B0h
p2..p0: set relative output power:
Pout=Pmax-P*3 [dBm]
Pmax is the max output power; it is related to the antenna impedance.
7
.
.
.
. Low Battery Detector and Tx bit Synchronization Command
bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
POR
1
1
0
0
0
0
1
0
dwc
0
ebs
t4
t3
t2
t1
t0
C200h
dwc:Disable wake-up timer periodical calibration
ebs:Enable TX bit synchronization function
t4..t0: Set threshold voltage of Low battery detector
Vlb=2.2+T*0.1 [V]
8
.
.
.
. Sleep Command
bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
POR
1
1
0
0
0
1
0
0
s7
s6
s5
s4
s3
s2
s1
s0
C400h
If crystal oscillator, synthesizer and power amplifier are auto-controlled, this command will close
power amplifier and synthesizer immediately, then stop crystal oscillator after S periods of CLK signal
9
.
.
.
. Wake-Up Timer Command
bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
POR
1
1
1
r4
r3
r2
r1
r0
m7
m6
m5
m4
m3
m2
m1
m0
E000h
The wake-up timer period is determined by:
Twake-up = M * 2
R [ms]
For continual operation, bit ‘et’ must be cleared and set
10
.
.
.
.
Data Transmit Command
bit
7
6
5
4
3
2
1
0
1
1
0
0
0
1
1
0
This command indicate that the following data on SDI pin is to be transmitted, the transmission stops
if nSel return to hi.
11
.
.
.
.
Status Register Read Command
bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
POR
1
1
0
0
1
1
0
0
0
0
0
0
0
0
0
0
--
This command is used to read internal status register content, output starts at 8th clock of SCK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com