Electronic Components Datasheet Search
  English  ▼

X  

APV1122 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # APV1122
Description  Photovoltaic MOSFET drivers of wide variation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

APV1122 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  APV1122 Datasheet HTML 1Page - List of Unclassifed Manufacturers APV1122 Datasheet HTML 2Page - List of Unclassifed Manufacturers APV1122 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Photovoltaic MOSFET Driver
REFERENCE DATA
1. Drop-out voltage vs. ambient temperature
characteristics
Input current: 10mA
2. Short circuit current vs. ambient temperature
characteristics
Input current: 10mA
3. LED operate current vs. ambient
temperature characteristics
Drop-out voltage: 5V
Ambient temperature,
°C
020
40
60
80 85
–40
–20
4
14
APV2121S
APV2111V
APV1122
APV1121S
6
10
8
12
020
40
60
80 85
–40
–20
0
25
5
15
10
20
Ambient temperature,
°C
APV2121S
APV2111V
APV1122
APV1121S
020
40
60
80 85
–40
–20
0
3
0.5
2
1.5
1
2.5
Ambient temperature,
°C
APV1122
APV1121S
APV2121S
APV2111V
4. LED turn off current vs. ambient temperature
characteristics
Drop-out voltage: 1V
5. LED dropout voltage vs. ambient
temperature characteristics
LED forward current: 5 to 50mA
6. Turn on time vs. ambient temperature
characteristics
LED forward current: 10mA
Load capacity: 1,000pF; output voltage: 5V
020
40
60
80 85
–40
–20
0
2
0.5
1.5
1
Ambient temperature,
°C
APV1122
APV1121S
APV2121S
APV2111V
020
40
80
60
100
–40
–20
1
1.5
1.1
1.3
1.2
1.4
Ambient temperature,
°C
10mA
20mA
30mA
50mA
020
40
60
80 85
–40
–20
0
2
0.5
1.5
1
Ambient temperature,
°C
APV1122
APV1121S
APV2121S
APV2111V
7. Turn off time vs. ambient temperature
characteristics
LED forward current: 10mA
Load capacity: 1,000pF; output voltage: 1V
8. Turn on time vs. LED forward current
characteristics
Load capacity: 1,000pF; output voltage: 5V
9. Turn off time vs. LED forward current
characteristics
Load capacity: 1,000pF; output voltage: 1V
020
40
60
80 85
–40
–20
0
0.5
0.2
0.1
0.4
0.3
Ambient temperature,
°C
APV1122
APV1121S
APV2121S
APV2111V
30
40
50
60
10
020
0
0.5
1.5
1
2
LED forward current, mA
APV1122
APV1121S
APV2121S
APV2111V
30
40
50
60
10
020
0
0.3
0.05
0.1
0.2
0.15
0.25
LED forward current, mA
APV1122
APV1121S
APV2121S
APV2111V
10. Drop-out voltage vs. LED forward current
characteristics
11. Short circuit current vs. LED forward
current characteristics
30
20
40
50
010
0
10
4
2
8
6
LED forward current, mA
APV1122
APV1121S
APV2121S
APV2111V
100
110
1
100
10
LED forward current, mA
APV1122
APV1121S
APV2121S
APV2111V
All Rights Reserved © C
OPYRIGHT Panasonic Electric Works Co., Ltd.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com