Electronic Components Datasheet Search
  English  ▼

X  

PMODTMP2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PMODTMP2
Description  PmodTMP2??Reference Manuall
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PMODTMP2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PMODTMP2 Datasheet HTML 1Page - List of Unclassifed Manufacturers PMODTMP2 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
P
Pm
mo
od
dT
TM
MP
P2
2™
™ R
Re
effe
erre
en
nc
ce
e M
Ma
an
nu
ua
all
Revision: October 11, 2011
1300 NE Henley Court, Suite 3
Pullman, WA 99163
(509) 334 6306 Voice | (509) 334 6300 Fax
Doc: 502-221
page 1 of 2
Copyright Digilent, Inc. All rights reserved. Other product and company names mentioned may be trademarks of their respective owners.
Overview
The PmodTMP2 is a temperature sensor and
thermostat control board built around the
Analog Devices ADT7420.
Features include:
•
Up to 16-bit resolution
•
Typical accuracy better than 0.25 °C
•
I
2C interface with 4 selectable
addresses
•
240ms continuous conversion time
•
Support for 3.3v and 5v interfaces
•
No calibration required
•
Programmable
overtemperature/undertemperature
control pins.
Functional Description
The PmodTMP2 uses an 8-pin connector that
allows for communication via I
2C, and provides
pins to daisy-chain the PmodTMP2 to other I
2C
devices. The PmodTMP2 also provides two 2-
pin headers for selecting the I
2C address of the
chip, and two 2-pin headers for controlling
external devices based upon temperature
thresholds defined by the user in software.
I
2C Interface
The PmodTMP2’s onboard ADT7420 chip acts
as a slave device using the industry standard
I
2C communication scheme. To communicate
with the PmodTMP2 device the I
2C master
device must specify a slave address (0x48-
0x4B) and a flag indicating whether the
communication is a read (1) or a write (0). This
is followed by the actual data transfer. For the
ADT7420, the data transfer should consist of
the address of the desired device register
followed by the data to be written to the
specified register. To read from a register the
master must write the desired register address
to ADT7420, then send an I
2C restart
condition, and send a new read request to the
ADT7420. If the master does not generate a
restart condition prior to attempting the read,
then the value written to the address register
will be reset to 0x00.
As some registers stored 16-bit values as 8-bit
register pairs, the ADT7420 will automatically
increment the address register of the device
when accessing certain registers such as the
temperature registers and the threshold
registers. This allows for the master to use a
single read or write request to access both the
low and high bytes of these registers. A
complete listing of registers and their behavior
can be found in the ADT7420 datasheet
available on the Analog Devices web site.
The I
2C interface standard uses two signal
lines. These are I
2C data and I2C clock. These
signals map to the serial data (SDA) and serial
clock (SCL) respectively on the ADT7420.
Connector J1 – I2C Communications
Pin
Signal
Description
1, 2
SCL
I2C Clock
3, 4
SDA
I2C Data
5, 6
GND
Power Supply Ground
7, 8
VCC
Power Supply (3.3V/5V)
Interface Connector Signal Description


Similar Part No. - PMODTMP2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PMODTPH ETC1-PMODTPH Datasheet
150Kb / 1P
Digilent PmodTPH Test Point Header Board Reference Manual
More results

Similar Description - PMODTMP2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PMODACL2 ETC1-PMODACL2 Datasheet
150Kb / 1P
PmodACL2??Diigiitall Accellerometer Reference Manuall
VMODCAM_RM ETC1-VMODCAM_RM Datasheet
409Kb / 6P
VmodCAM??Reference Manuall
VMODMIB_RM ETC1-VMODMIB_RM Datasheet
193Kb / 5P
VmodMIIB??Reference Manuall
VMODTFT_RM ETC1-VMODTFT_RM Datasheet
463Kb / 5P
VmodTFT??Reference Manuall
PMODDIP_RM ETC1-PMODDIP_RM Datasheet
239Kb / 1P
PmodDIIP??Reference Manuall
PMODENC_RM ETC1-PMODENC_RM Datasheet
127Kb / 2P
PmodENC??Reference Manuall
PMODI2S_RM ETC1-PMODI2S_RM Datasheet
211Kb / 1P
PmodII2s Refference Manuall
PMODOLED_RM ETC1-PMODOLED_RM Datasheet
135Kb / 2P
PmodOLED??Reference Manuall
PMODPMON1 ETC1-PMODPMON1 Datasheet
679Kb / 2P
PmodPMON1??Refference Manuall
PMODUSBUART_RM ETC1-PMODUSBUART_RM Datasheet
190Kb / 1P
PmodUSBUART??Reference Manuall
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com