Electronic Components Datasheet Search
  English  ▼

X  

B953021 Datasheet(PDF) 1 Page - Alpha Wire

Part # B953021
Description  ALPHA WIRE CUSTOMER PRODUCT SPECIFICATION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

B953021 Datasheet(HTML) 1 Page - Alpha Wire

  B953021 Datasheet HTML 1Page - Alpha Wire B953021 Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALPHA WIRE
CUSTOMER PRODUCT SPECIFICATION
Part Number: B953021
Issue:
1
Page 1 of 2 Pages
Issue Date:
8/19/2010
Effective Date:
10/14/2010
Although Alpha Wire Company ("Alpha") makes every reasonable effort to ensure their accuracy at the time of publication, information and specifications
described herein are subject to errors or omissions and to changes without notice, and the listing of such information and specifications does not ensure
product availability.
Alpha provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express, statutory or implied. In
no event will Alpha be liable for any damages (including consequential, indirect, incidental, special, punitive, or exemplary) whatsoever, even if Alpha has
been advised of the possibility of such damages, whether in an action under contract, negligence or any other theory, arising out of or in connection with the
use, or inability to use, the information or specifications described herein.
711 Lidgerwood Ave Elizabeth, NJ 07207-0711
Toll Free 1-800-52 ALPHA • T: 1-908-925-8000 • F: 908-925-5411 • Email: info@alphawire.com
www.alphawire.com
A.
Construction
Diameters (mm)
1) Component 1
2 X 1 COND
a) Conductor
24 (7/32) AWG TC
0.61
b) Insulation
0.25 Wall, Nom. PVC, Semi Rigid
1.12
(1) Color Code
Alpha Wire Color Code E
Cond
Color
Cond
Color
Cond
Color
1
BLACK
2
BROWN
2) Cable Assembly
2 Components Cabled
a) Twists:
39.4 Twists/meter (min)
b) Core Wrap
Clear Mylar Tape, 25% Overlap, Min.
3) Jacket
0.81 Wall, Nom.,PVC
3.94 (4.18 Max.)
a) Color(s)
GREY
b) Ripcord
1 End 810 Denier Nylon
c)
Print
ALPHA WIRE-* P/N B953021
0.23MM2 (24AWG)
(UL) TYPE CM 105C OR AWM 2464
TERS)
e.
VW-1
CE
ROHS
(SEQ ME
* = Factory Code
B.
Applicable Specifications
1) UL
a) Component 1
AWM/STYLE 10002
105°C / 300 VRMS
b) Overall
AWM/STYLE 2464
80°C / 300 VRMS
CM
105°C
VW-1
2) IEC
EN 60332-1 Flame Behavior
EN 60332-2 Flame Behavior
3) CE:
LVD 73/23/EEC Amendment 93/68/EEC
C.
Environmental Compliance
1) EU Directive 2002/95/EC(RoHS):
All materials used in the manufacture of this part are in compliance with EU
Directive 2002/95/EU regarding the restriction of use of certain hazardous
substances in electrical and electronic equipment. Consult Alpha Wire's web site
for compliance Date of Manufactur
2) REACH Regulation (EC 1907/2006):
This product does not contain any of the substances listed on the European Union
REACH Substance of Very High Concern (SVHC) candidate list, dated 30 March
2010, in excess of a concentration of 0.1% weight/weight.
D.
Physical & Mechanical Properties
1) Temperature Range
-30 to 105°C
2) Bend Radius
10X Cable Diameter
3) Pull Tension
7 Lbs, Maximum
4) Sunlight Resistance
Yes
E.
Electrical Properties
(For Engineering purposes only)
1) Voltage Rating
300 VRMS
2) Capacitance
71.504 pf/m @1 kHz, Nominal Conductor to Conductor
3) Inductance
0.6232 µH/m, Nominal
4) Conductor DCR
85.28 Ω/Km @20°C, Nominal
F.
Other
1) Packaging
Flange x Traverse x Barrel (inches)
a) 3280 FT
16 x 11 x 8 Continuous length
b) 1640 FT
12 x 10 x 5 Continuous length
c)
328 FT
6.5 x 6 x 1.9 Continuous length
d) 164 FT
6.5 x 4 x 2.5 Continuous length


Similar Part No. - B953021

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
B953AS-100M TOKO-B953AS-100M Datasheet
152Kb / 1P
Fixed Inductors for Surface Mounting
B953AS-100M TOKO-B953AS-100M Datasheet
248Kb / 1P
Ferrite Inductors
logo
Murata Manufacturing Co...
B953AS-100M MURATA-B953AS-100M Datasheet
738Kb / 2P
Inductor
logo
TOKO, Inc
B953AS-101M TOKO-B953AS-101M Datasheet
152Kb / 1P
Fixed Inductors for Surface Mounting
B953AS-101M TOKO-B953AS-101M Datasheet
248Kb / 1P
Ferrite Inductors
More results

Similar Description - B953021

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5271C ETC-5271C Datasheet
82Kb / 2P
ALPHA WIRE COMPANY CUSTOMER PRODUCT SPECIFICATION
logo
Alpha Wire
FIT295 ALPHAWIRE-FIT295 Datasheet
26Kb / 2P
ALPHA WIRE COMPANY CUSTOMER PRODUCT SPECIFICATION
1134C ALPHAWIRE-1134C Datasheet
77Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
1139C ALPHAWIRE-1139C Datasheet
77Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
2212C ALPHAWIRE-2212C Datasheet
79Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
2215C ALPHAWIRE-2215C Datasheet
79Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
2243C ALPHAWIRE-2243C Datasheet
79Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
2466C ALPHAWIRE-2466C Datasheet
76Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
5227C ALPHAWIRE-5227C Datasheet
83Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
6014C ALPHAWIRE-6014C Datasheet
85Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com