Electronic Components Datasheet Search
  English  ▼

X  

G366 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # G366
Description  Multipurpose Enclosures
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

G366 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  G366 Datasheet HTML 1Page - List of Unclassifed Manufacturers G366 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Multipurpose Enclosures
Page <1>
13/05/11 V1.1
www.element14.com
www.farnell.com
www.newark.com
Specifications :
Polycarbonate material :
Moulded in
: Light grey.
Operating temperature
: -40°C to 120°C.
Clear lid is available on request.
High impact ABS material :
Moulded in
: Dark grey.
Suggested operating temperature
: -20°C to 80°C.
The lid and base incorporate a tongue and groove sealing system with a neoprene gasket.
Wall mounting holes and lid fixing screws are outside the sealing area thus preventing the ingress of moisture and dust.
Designed to IP 65 of IEC 529 and nema 4 (dust and hoseproof).
Available with clear or light grey LIDS.
Internal guide slots for mounting PCB assemblies vertically.
Bosses on internal base allow fixing of PCB's horizontally or connection of terminals, etc into threaded brass inserts.
Lid fixing screw are M-4 stainless steel (nonmagnetic) into threaded brass inserts.
Description
Colour
Material
External Dimensions
(mm)
Part Number
Box, ABS, IP65, Grey
Dark Grey
ABS
64 × 58 × 35
G302
Box, ABS, IP65, Grey
115 × 65 × 40
G304
Box, ABS, IP65, Grey
115 × 65 × 55
G308
Box, ABS, IP65, Grey
115 × 90 × 55
G311
Box, ABS, IP65, Grey
171 × 121 × 55
G313
Box, ABS, IP65, Grey
222 × 146 × 55
G317
Box, ABS, IP65, Grey
115 × 90 × 80
G331
Box, ABS, IP65, Grey
171 × 121 × 80
G340
Specifications Table


Similar Part No. - G366

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
G366 MULTICOMP-G366 Datasheet
176Kb / 1P
Multipurpose Enclosures
09/10/20 V1.0
G366 MULTICOMP-G366 Datasheet
213Kb / 1P
Multipurpose Enclosures
18/11/20 V1.0
More results

Similar Description - G366

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMS30C7110 ETC-HMS30C7110 Datasheet
973Kb / 161P
Multipurpose Network Processor
G422 ETC2-G422 Datasheet
117Kb / 2P
Multipurpose Enclosures - ABS
G238 ETC2-G238 Datasheet
192Kb / 1P
Multipurpose Enclosure
G2128 ETC2-G2128 Datasheet
91Kb / 1P
Multipurpose Enclosures - ABS and Polycarbonate
MB1G ETC2-MB1G Datasheet
110Kb / 1P
Multipurpose Boxes
MB6W ETC2-MB6W Datasheet
541Kb / 3P
Multipurpose Boxes with Lids
G287 ETC2-G287 Datasheet
114Kb / 1P
Multipurpose Boxes
SCB1W ETC2-SCB1W Datasheet
29Kb / 2P
Small Multipurpose Boxes
logo
TDK Electronics
RSEL-20R5W TDK-RSEL-20R5W Datasheet
1Mb / 5P
Compact Multipurpose Type
logo
Pico Technology Ltd.
1000 PICO-1000 Datasheet
1Mb / 8P
Multipurpose data acquisition
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com