Electronic Components Datasheet Search
  English  ▼

X  

TPS62590DRVR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62590DRVR
Description  1-A Step Down Converter in 2 x 2 QFN Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62590DRVR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS62590DRVR Datasheet HTML 12Page - Texas Instruments TPS62590DRVR Datasheet HTML 13Page - Texas Instruments TPS62590DRVR Datasheet HTML 14Page - Texas Instruments TPS62590DRVR Datasheet HTML 15Page - Texas Instruments TPS62590DRVR Datasheet HTML 16Page - Texas Instruments TPS62590DRVR Datasheet HTML 17Page - Texas Instruments TPS62590DRVR Datasheet HTML 18Page - Texas Instruments TPS62590DRVR Datasheet HTML 19Page - Texas Instruments TPS62590DRVR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
TPS62590
SLVS897B
– JANUARY 2009 – REVISED APRIL 2011
www.ti.com
Input Capacitor Selection
The buck converter has a natural pulsating input current; therefore, a low ESR input capacitor is required for best
input voltage filtering and minimizing the interference with other circuits caused by high input voltage spikes. For
most applications, a 10-
μF ceramic capacitor is recommended. The input capacitor can be increased without any
limit for better input voltage filtering.
Take care when using only small ceramic input capacitors. When a ceramic capacitor is used at the input and the
power is being supplied through long wires, such as from a wall adapter, a load step at the output or VIN step on
the input can induce ringing at the VIN pin. The ringing can couple to the output and be mistaken as loop
instability or could even damage the part by exceeding the maximum ratings.
Table 5. List of Capacitor
CAPACITANCE
TYPE
SIZE
SUPPLIER
10
μF
GRM188R60J106M69D
0603 1.6x0.8x0.8mm3
Murata
LAYOUT CONSIDERATIONS
As for all switching power supplies, the layout is an important step in the design. Proper function of the device
demands careful attention to PCB layout. Care must be taken in board layout to get the specified performance. If
the layout is not carefully done, the regulator could show poor line and/or load regulation, stability issues as well
as EMI problems. It is critical to provide a low inductance, impedance ground path. Therefore, use wide and
short traces for the main current paths. The input capacitor should be placed as close as possible to the IC pins
as well as the inductor and output capacitor.
Connect the GND Pin of the device to the Power Pad of the PCB and use this Pad as a star point. Use a
common Power GND node and a different node for the Signal GND to minimize the effects of ground noise.
Connect these ground nodes together to the Power Pad (star point) underneath the IC. Keep the common path
to the GND PIN, which returns the small signal components and the high current of the output capacitors as
short as possible to avoid ground noise. The FB line should be connected right to the output capacitor and routed
away from noisy components and traces (e.g., SW line).
16
Copyright
© 2009–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com