Electronic Components Datasheet Search
  English  ▼

X  

BR1114/D Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # BR1114/D
Description  Product Brief Integrated Processor With DMA
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

BR1114/D Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button BR1114/D Datasheet HTML 2Page - Freescale Semiconductor, Inc BR1114/D Datasheet HTML 3Page - Freescale Semiconductor, Inc BR1114/D Datasheet HTML 4Page - Freescale Semiconductor, Inc BR1114/D Datasheet HTML 5Page - Freescale Semiconductor, Inc BR1114/D Datasheet HTML 6Page - Freescale Semiconductor, Inc BR1114/D Datasheet HTML 7Page - Freescale Semiconductor, Inc BR1114/D Datasheet HTML 8Page - Freescale Semiconductor, Inc BR1114/D Datasheet HTML 9Page - Freescale Semiconductor, Inc BR1114/D Datasheet HTML 10Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
MC68340 PRODUCT INFORMATION
MOTOROLA
ON-CHIP PERIPHERALS
To improve total system throughput and reduce part count, board size, and cost of system implementation,
the M68300 family integrates on-chip, intelligent peripheral modules and typical glue logic. These functions
on the MC68340 include the SIM40, a DMA controller, a serial module, and two timers.
The processor communicates with these modules over the on-chip intermodule bus (IMB). This backbone of
the chip is similar to traditional external buses with address, data, clock, interrupt, arbitration, and
handshake signals. Because bus masters (like the CPU32 and DMA), peripherals, and the SIM40 are all on
the chip, the IMB ensures that communication between these modules is fully synchronized and that
arbitration and interrupts can be handled in parallel with data transfers, greatly improving system
performance. Internal accesses across the IMB may be monitored from outside of the chip, if desired.
Each module operates independently. No direct connections between peripheral modules are made inside
the chip; however, external connections could, for instance, link a serial output to a DMA control line.
Modules and their registers are accessed in the memory map of the CPU32 (and DMA) for easy access by
general M68000 instructions and are relocatable. Each module may be assigned its own interrupt level,
response vector, and arbitration priority. Since each module is a self-contained design and adheres to the
IMB interface specifications, the modules may appear on other M68300 family products, retaining the
investment in the software drivers for the module.
SYSTEM INTEGRATION MODULE
The MC68340 SIM40 provides the external bus interface for both the CPU32 and the DMA. It also
eliminates much of the glue logic that typically supports the microprocessor and its interface with the
peripheral and memory system. The SIM40 provides programmable circuits to perform address decoding
and chip selects, wait-state insertion, interrupt handling, clock generation, bus arbitration, watchdog timing,
discrete I/O, and power-on reset timing. A boundary scan test capability is also provided.
External Bus Interface
The external bus interface (EBI) handles the transfer of information between the internal CPU32 or DMA
controller and memory, peripherals, or other processing elements in the external address space. Based on
the MC68030 bus, the external bus provides up to 32 address lines and 16 data lines. Address extensions
identify each bus cycle as CPU32 or DMA initiated, supervisor or user privilege level, and instruction or data
access. The data bus allows dynamic sizing for 8- or 16-bit bus accesses (plus 32 bits for DMA).
Synchronous transfers for the CPU32 or the DMA can be made in as little as two clock cycles.
Asynchronous transfers allow the memory system to signal the CPU32 or DMA when the transfer is
complete and to note the number of bits in the transfer. An external master can arbitrate for the bus using a
three-line handshaking interface.
System Configuration And Protection
The M68000 family of processors is designed with the concept of providing maximum system safeguards.
System configuration and various monitors and timers are provided in the MC68340. Power-on reset
circuitry is a part of the SIM40. A bus monitor ensures that the system does not lock up when there is no
response to a memory access. The bus fault monitor can reset the processor when a catastrophic bus
failure occurs. Spurious interrupts are detected and handled appropriately. A software watchdog can pull the
processor out of an infinite loop. An interrupt can be sent to the CPU32 with programmable regularity for
DRAM refresh, time-of-day clock, task switching, etc.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com