Electronic Components Datasheet Search
  English  ▼

X  

MPC5534MVM40 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPC5534MVM40
Description  MPC5534 Microcontroller Data Sheet
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5534MVM40 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC5534MVM40 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5534MVM40 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5534MVM40 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5534MVM40 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5534MVM40 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5534MVM40 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5534MVM40 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5534MVM40 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5534MVM40 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
MPC5534 Microcontroller Data Sheet, Rev. 6
Electrical Characteristics
Freescale Semiconductor
4
3
Electrical Characteristics
This section contains detailed information on power considerations, DC/AC electrical characteristics, and
AC timing specifications for the MCU.
3.1
Maximum Ratings
Table 2. Absolute Maximum Ratings 1
Spec
Characteristic
Symbol
Min.
Max.
Unit
1
1.5 V core supply voltage 2
VDD
–0.3
1.7
V
2
Flash program/erase voltage
VPP
–0.3
6.5
V
4
Flash read voltage
VFLASH
–0.3
4.6
V
5
SRAM standby voltage
VSTBY
–0.3
1.7
V
6
Clock synthesizer voltage
VDDSYN
–0.3
4.6
V
7
3.3 V I/O buffer voltage
VDD33
–0.3
4.6
V
8
Voltage regulator control input voltage
VRC33
–0.3
4.6
V
9
Analog supply voltage (reference to VSSA)VDDA
–0.3
5.5
V
10
I/O supply voltage (fast I/O pads) 3
VDDE
–0.3
4.6
V
11
I/O supply voltage (slow and medium I/O pads) 3
VDDEH
–0.3
6.5
V
12
DC input voltage 4
VDDEH powered I/O pads
VDDE powered I/O pads
VIN
–1.0 5
–1.0 5
6.5 6
4.6 7
V
13
Analog reference high voltage (reference to VRL)VRH
–0.3
5.5
V
14
VSS to VSSA differential voltage
VSS – VSSA
–0.1
0.1
V
15
VDD to VDDA differential voltage
VDD – VDDA
–VDDA
VDD
V
16
VREF differential voltage
VRH – VRL
–0.3
5.5
V
17
VRH to VDDA differential voltage
VRH – VDDA
–5.5
5.5
V
18
VRL to VSSA differential voltage
VRL – VSSA
–0.3
0.3
V
19
VDDEH to VDDA differential voltage
VDDEH – VDDA
–VDDA
VDDEH
V
20
VDDF to VDD differential voltage
VDDF – VDD
–0.3
0.3
V
21
VRC33 to VDDSYN differential voltage spec has been moved to Table 9 DC Electrical Specifications, Spec 43a.
22
VSSSYN to VSS differential voltage
VSSSYN – VSS
–0.1
0.1
V
23
VRCVSS to VSS differential voltage
VRCVSS – VSS
–0.1
0.1
V
24
Maximum DC digital input current 8
(per pin, applies to all digital pins)
4
IMAXD
–2
2
mA
25
Maximum DC analog input current 9
(per pin, applies to all analog pins)
IMAXA
–3
3
mA
26
Maximum operating temperature range 10
Die junction temperature
TJ
TL
150.0
oC
27
Storage temperature range
TSTG
–55.0
150.0
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com