Electronic Components Datasheet Search
  English  ▼

X  

BH1600FVC Datasheet(PDF) 2 Page - Rohm

Part # BH1600FVC
Description  Analog Current Output Type Ambient Light Sensor IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH1600FVC Datasheet(HTML) 2 Page - Rohm

  BH1600FVC Datasheet HTML 1Page - Rohm BH1600FVC Datasheet HTML 2Page - Rohm BH1600FVC Datasheet HTML 3Page - Rohm BH1600FVC Datasheet HTML 4Page - Rohm BH1600FVC Datasheet HTML 5Page - Rohm BH1600FVC Datasheet HTML 6Page - Rohm BH1600FVC Datasheet HTML 7Page - Rohm BH1600FVC Datasheet HTML 8Page - Rohm BH1600FVC Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BH1600FVC
Technical Note
2/8
www.rohm.com
2012.02 - Rev.D
© 2012 ROHM Co., Ltd. All rights reserved.
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-30
0
30
60
90
Ta [ ℃ ]
0.001
0.01
0.1
1
10
100
-30
0
30
60
90
Ta [ ℃ ]
1
10
100
1000
10000
100
1000
10000
Illuminance
[ lx ]
●
Reference Data
0.001
0.01
0.1
1
10
100
-30
0
30
60
90
Ta [ ℃ ]
Fig.9 IOUT VCC dependency
Fig.2 Light Source Dependency
(Fluorescent Light is set to '1')
Fig.8 IOUT Temperature dependency(100 lx)
Fig.1 Spectral Response
Fig.3 Illuminance – IOUT
Characteristics
Fig.4 Directional Characteristics 1
Fig.5 Directional Characteristics 2
Fig.6 Ta – IOUT (0 lx)
Fig.7 Ta – ICC (0 lx)
Fig.10 Illuminance – Wake up Time
受信指向角特性
暗電流温特
0
0.2
0.4
0.6
0.8
1
1.2
-90
-60
-30
0
30
60
90
Angle [ deg ]
0
0.2
0.4
0.6
0.8
1
1.2
-90
-60
-30
0
30
60
90
Angle [ deg ]
H-Gain
L-Gain
H-Gain
L-Gain
L-Gain
H-Gain
SD
H-Gain
L-Gain
SD
-
+
-
+
1pin
1pin
0
0.2
0.4
0.6
0.8
1
1.2
400
500
600
700
800
900
1000
1100
Wavelength [ nm ]
00.5
11.5
2
Fluorescent
Light
Incandescent
Light
Halogen
Light
Kripton Light
Artifical Sun
Light
White LED
Ratio
0
0.2
0.4
0.6
0.8
1
1.2
1.4
2
2.5
3
3.5
4
VCC [ V ]
-
+
-
+
0.001
0.01
0.1
1
10
100
1000
10000
100000
0
1
100
10,000
1,000,000
0.01
Illuminance[lx]



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com