Electronic Components Datasheet Search
  English  ▼

X  

MAX705C/D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX705C/D
Description  Low-Cost, μP Supervisory Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX705C/D Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX705C/D Datasheet HTML 1Page - Maxim Integrated Products MAX705C/D Datasheet HTML 2Page - Maxim Integrated Products MAX705C/D Datasheet HTML 3Page - Maxim Integrated Products MAX705C/D Datasheet HTML 4Page - Maxim Integrated Products MAX705C/D Datasheet HTML 5Page - Maxim Integrated Products MAX705C/D Datasheet HTML 6Page - Maxim Integrated Products MAX705C/D Datasheet HTML 7Page - Maxim Integrated Products MAX705C/D Datasheet HTML 8Page - Maxim Integrated Products MAX705C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Low-Cost, µP Supervisory Circuits
5
Maxim Integrated
MAX705–MAX708/MAX813L
______________________________________________________________Pin Description
Watchdog Output pulls low when the internal watch-
dog timer finishes its 1.6sec count and does not go
high again until the watchdog is cleared. WDO also
goes low during low-line conditions. Whenever VCC is
below the reset threshold, WDO stays low; however,
unlike RESET, WDO does not have a minimum pulse
width. As soon as VCC rises above the reset thresh-
old, WDO goes high with no delay.
Active-High Reset Output is the inverse of RESET.
Whenever RESET is high, RESET is low, and vice
versa (Figure 2). The MAX813L has a RESET output
only.
Active-Low Reset Output pulses low for 200ms when
triggered, and stays low whenever VCC is below the
reset threshold (4.65V in the MAX705 and 4.40V in the
MAX706). It remains low for 200ms after VCC rises
above the reset threshold or MR goes from low to high
(Figure 3). A watchdog timeout will not trigger RESET
unless WDO is connected to MR.
Watchdog Input. If WDI remains high or low for
1.6sec, the internal watchdog timer runs out and
WDO goes low (Figure 1). Floating WDI or connect-
ing WDI to a high-impedance three-state buffer dis-
ables the watchdog feature. The internal watchdog
timer clears whenever reset is asserted, WDI is three-
stated, or WDI sees a rising or falling edge.
Power-Fail Output goes low and sinks current when
PFI is less than 1.25V; otherwise PFO stays high.
Power-Fail Voltage Monitor Input. When PFI is less
than 1.25V, PFO goes low. Connect PFI to GND or
VCC when not used.
FUNCTION
MAX705/MAX706
RESET
7
8
WDO
8
8
RESET
7
7
No Connect
N.C.
6
WDI
6
6
PFO
5
5
5
PFI
4
4
4
0V Ground Reference for all signals
GND
3
3
3
+5V Supply Input
VCC
2
2
2
NAME
DIP/SO
DIP/SO
DIP/SO
MAX707/MAX708
PIN
2
1
8
7
6
5
4
µMAX
2
1
7
6
5
4
µMAX
1
2
8
7
6
5
4
µMAX
MAX813L
Manual-Reset Input triggers a reset pulse when
pulled below 0.8V. This active-low input has an inter-
nal 250µA pull-up current. It can be driven from a TTL
or CMOS logic line as well as shorted to ground with
a switch.
MR
1
1
1
3
3
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com