Electronic Components Datasheet Search
  English  ▼

X  

MAX1480BCPI Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1480BCPI
Description  Complete, Isolated RS-485/RS-422 Data Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1480BCPI Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1480BCPI Datasheet HTML 1Page - Maxim Integrated Products MAX1480BCPI Datasheet HTML 2Page - Maxim Integrated Products MAX1480BCPI Datasheet HTML 3Page - Maxim Integrated Products MAX1480BCPI Datasheet HTML 4Page - Maxim Integrated Products MAX1480BCPI Datasheet HTML 5Page - Maxim Integrated Products MAX1480BCPI Datasheet HTML 6Page - Maxim Integrated Products MAX1480BCPI Datasheet HTML 7Page - Maxim Integrated Products MAX1480BCPI Datasheet HTML 8Page - Maxim Integrated Products MAX1480BCPI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Complete, Isolated RS-485/RS-422
Data Interface
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC_ = 5V ±10%, VFS = VCC_, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC_ = 5V and TA = +25°C.) (Notes 1, 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
With Respect to GND_
Supply Voltage (VCC_)...........................................-0.3V to +6V
Control Input Voltage (SD, FS)...............-0.3V to (VCC_ + 0.3V)
Receiver Output Voltage (RO, RO)........-0.3V to (VCC_ + 0.3V)
Output Switch Voltage (D1, D2)........................................+12V
With Respect to ISO COM_
Control Input Voltage (ISO DE_ ) ....-0.3V to (ISO VCC_ + 0.3V)
Driver Input Voltage (ISO DI_ ) .......-0.3V to (ISO VCC_ + 0.3V)
Receiver Output Voltage (ISO RO_) ...-0.3V to (ISO VCC_ + 0.3V)
Driver Output Voltage (A, B, Y, Z ) ......................-8V to +12.5V
Receiver Input Voltage (A, B)..............................-8V to +12.5V
LED Forward Current (DI, DE, ISO RO LED) ......................50mA
Continuous Power Dissipation (TA = +70°C)
24-Pin Plastic DIP (derate 8.7mW°C above +70°C) .....696mW
28-Pin Plastic DIP (derate 9.09mW/°C above +70°C) ..727mW
Operating Temperature Ranges
MAX1480_CPI/MAX1490_CPG ............................0°C to +70°C
MAX1480_EPI/MAX1490_EPG .........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
fSWL
VFS = 0V
535
Switch Frequency
fSWH
FS = VCC_ or open
725
kHz
RL =
∞, +25°C only
60
90
MAX1480A,
DE´ = VCC_ or open
RL = 54
Ω
120
RL =
∞, +25°C only
35
45
MAX1480B,
DE´ = VCC_ or open
RL = 54
Ω
95
RL =
∞, +25°C only
35
75
MAX1480C,
DE´ = VCC_ or open
RL = 54
Ω
95
RL =
∞, +25°C only
100
150
MAX1490A
RL = 54
Ω
170
RL =
∞, +25°C only
65
125
Operating Supply Current
ICC
MAX1490B
RL = 54
Ω
130
mA
Shutdown Supply Current
(Note 3)
ISHDN
SD = VCC_
0.2
µA
VSDH
High
2.4
Shutdown Input Threshold
VSDL
Low
0.8
V
Shutdown Input Leakage Current
10
pA
VFSH
High
2.4
FS Input Threshold
VFSL
Low
0.8
V
FS Input Pullup Current
FS low
50
µA
FS Input Leakage Current
FS high
10
pA
Input High Voltage
VIH
DE´, DI´
VCC_ - 0.4
V
Input Low Voltage
VIL
DE´, DI´
0.4
V
Isolation Resistance
RISO
TA = +25
°C, VISO = 50VDC
100
10,000
M
Ω
Isolation Capacitance
CISO
TA = +25
°C, VISO = 50VDC
10
pF
Differential Driver Output
(No Load)
VOD1
8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com