Electronic Components Datasheet Search
  English  ▼

X  

MAX1630AEAI Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1630AEAI
Description  Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1630AEAI Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1630AEAI Datasheet HTML 1Page - Maxim Integrated Products MAX1630AEAI Datasheet HTML 2Page - Maxim Integrated Products MAX1630AEAI Datasheet HTML 3Page - Maxim Integrated Products MAX1630AEAI Datasheet HTML 4Page - Maxim Integrated Products MAX1630AEAI Datasheet HTML 5Page - Maxim Integrated Products MAX1630AEAI Datasheet HTML 6Page - Maxim Integrated Products MAX1630AEAI Datasheet HTML 7Page - Maxim Integrated Products MAX1630AEAI Datasheet HTML 8Page - Maxim Integrated Products MAX1630AEAI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
Multi-Output, Low-Noise Power-Supply
Controllers for Notebook Computers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(V+ = 15V, both PWMs on, SYNC = VL, VL load = 0mA, REF load = 0mA, SKIP = 0V, TA = TMIN to TMAX, unless otherwise noted.
Typical values are at TA = +25°C.)
V+ = VL = 0V,
CSL3 = CSH3 = CSL5 = CSH5 = 5.5V
µA
0.01
10
Not tested
Current-Sense Input Leakage Current
Not tested
Rising edge, hysteresis = 1% (Note 3)
VDD < 13V or SECFB < 2.44V
V
18
20
µs
1
Falling edge (MAX1631A/MAX1634A)
DL Pulse Width
Falling edge (Note 3)
VDD Shunt Threshold
V
2.44
2.60
V
13
14
CONDITIONS
VDD Regulation Threshold
SECFB Regulation Threshold
VDD = 20V (Note 3)
VDD = 5V, off mode (Notes 3, 4)
µA
30
VDD Leakage Current
mA
10
VDD Shunt Sink Current
ns
200
ns
200
SYNC Input High Pulse Width
SYNC Input Low Pulse Width
13V < VDD < 18V, 0mA < ILOAD < 120mA
V
11.65
12.1
12.50
12OUT Output Voltage
UNITS
MIN
TYP
MAX
PARAMETER
Not tested
ns
200
SYNC Rise/Fall Time
kHz
240
350
SYNC Input Frequency Range
VDD = 18V, run mode, no 12OUT load
12OUT forced to 11V, VDD = 13V
µA
50
100
mA
150
12OUT Current Limit
Quiescent VDD Current
Rising edge of CSL5, hysteresis = 1%
Falling edge, hysteresis = 1%
V
4.2
4.5
4.7
V
3.5
3.6
3.7
VL Undervoltage Lockout
Fault Threshold
VL Switchover Threshold
SHDN = V+, RUN/ON3 = TIME/ON5 = 0V,
5.3V < V+ < 30V, 0mA < ILOAD < 50mA
V
4.7
5.1
VL Output Voltage
Falling edge
V
1.8
2.4
µA
10
REF Sink Current
REF Fault Lockout Voltage
V+ = 4V to 24V, SHDN = 0V
V+ = 4.2V to 5.5V, both SMPSs off,
includes current into SHDN
µA
410
µA
50
200
V+ Standby Supply Current
in Dropout
V+ Shutdown Supply Current
V+ = 5.5V to 30V, both SMPSs off,
includes current into SHDN
VL switched over to CSL5, 5V SMPS on
µA
30
60
µA
550
V+ Operating Supply Current
V+ Standby Supply Current
0µA < ILOAD < 50µA
No external load (Note 5)
12.5
V
2.45
2.5
2.55
REF Output Voltage
2.5
4
Both SMPSs enabled, FB3 = FB5 = 0V,
CSL3 = CSH3 = 3.5V,
CSL5 = CSH5 = 5.3V
mW
1.5
4
Quiescent Power Consumption
(Note 3)
MAX1631A/
MAX1634A
0mA < ILOAD < 5mA
mV
100.0
REF Load Regulation
FLYBACK CONTROLLER
12V LINEAR REGULATOR (Note 3)
INTERNAL REGULATOR AND REFERENCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com