Electronic Components Datasheet Search
  English  ▼

X  

MAX1631AEAI Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX1631AEAI
Description  Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1631AEAI Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1631AEAI Datasheet HTML 9Page - Maxim Integrated Products MAX1631AEAI Datasheet HTML 10Page - Maxim Integrated Products MAX1631AEAI Datasheet HTML 11Page - Maxim Integrated Products MAX1631AEAI Datasheet HTML 12Page - Maxim Integrated Products MAX1631AEAI Datasheet HTML 13Page - Maxim Integrated Products MAX1631AEAI Datasheet HTML 14Page - Maxim Integrated Products MAX1631AEAI Datasheet HTML 15Page - Maxim Integrated Products MAX1631AEAI Datasheet HTML 16Page - Maxim Integrated Products MAX1631AEAI Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
Multi-Output, Low-Noise Power-Supply
Controllers for Notebook Computers
______________________________________________________________________________________
13
Figure 4. Main PWM Comparator Block Diagram
FB_
REF
CSH_
CSL_
SLOPE COMPENSATION
VL
I1
R1
R2
TO PWM
LOGIC
OUTPUT DRIVER
UNCOMPENSATED
HIGH-SPEED
LEVEL TRANSLATOR
AND BUFFER
I2
I3
VBIAS
current value as a function of the output-voltage error
signal. In continuous-conduction mode, the average
inductor current is nearly the same as the peak current,
so the circuit acts as a switch-mode transconductance
amplifier. This pushes the second output LC filter pole,
normally found in a duty-factor-controlled (voltage-
mode) PWM, to a higher frequency. To preserve inner-
loop stability and eliminate regenerative inductor
current “staircasing,” a slope compensation ramp is
summed into the main PWM comparator to make the
apparent duty factor less than 50%.
The MAX1630A family uses a relatively low loop gain,
allowing the use of lower cost output capacitors. The rel-
ative gains of the voltage-sense and current-sense
inputs are weighted by the values of current sources
that bias three differential input stages in the main PWM
comparator (Figure 4). The relative gain of the voltage
comparator to the current comparator is internally fixed
at K = 2:1. The low loop gain results in the 2% typical
load-regulation error. The low value of loop gain helps
reduce output filter capacitor size and cost by shifting
the unity-gain crossover frequency to a lower level.
The output filter capacitors (Figure 1, C1 and C2) set a
dominant pole in the feedback loop that must roll off the
loop gain to unity before encountering the zero intro-
duced by the output capacitor’s parasitic resistance
(ESR) (see the Design Procedure section). A 60kHz
pole-zero cancellation filter provides additional rolloff
above the unity-gain crossover. This internal 60kHz low-
pass compensation filter cancels the zero due to filter
capacitor ESR. The 60kHz filter is included in the loop in
both fixed-output and adjustable-output modes.
Synchronous Rectifier Driver (DL)
Synchronous rectification reduces conduction losses in
the rectifier by shunting the normal Schottky catch diode
with a low-resistance MOSFET switch. Also, the synchro-
nous rectifier ensures proper startup of the boost gate-
driver circuit. If the synchronous power MOSFETs are
omitted for cost or other reasons, replace them with a
small-signal MOSFET, such as a 2N7002.
If the circuit is operating in continuous-conduction mode,
the DL drive waveform is the complement of the DH high-
side drive waveform (with controlled dead time to prevent
cross-conduction or “shoot-through”). In discontinuous
(light-load) mode, the synchronous switch is turned off as
the inductor current falls through zero. The synchronous
rectifier works under all operating conditions, including
Idle Mode. The SECFB signal further controls the syn-
chronous switch timing to improve multiple-output cross-
regulation (see the Secondary Feedback Regulation
Loop section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com