Electronic Components Datasheet Search
  English  ▼

X  

MAX4310ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4310ESA
Description  High-Speed, Low-Power, Single-Supply Multichannel, Video Multiplexer-Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4310ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4310ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4310ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4310ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4310ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4310ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4310ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4310ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4310ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4310ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
High-Speed, Low-Power, Single-Supply
Multichannel, Video Multiplexer-Amplifiers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +5V, VEE = 0V, SHDN
≥ 4V, RL = ∞, VOUT = 2.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC to VEE) .................................................12V
Input Voltage....................................(VEE - 0.3V) to (VCC + 0.3V)
All Other Pins ...................................(VEE - 0.3V) to (VCC + 0.3V)
Output Current................................................................±120mA
Short-Circuit Duration (VOUT to GND, VCC or VEE)....Continuous
Continuous Power Dissipation (TA = +70°C)
8-Pin SO (derate 5.9mW/°C above +70°C)...................471mW
8-Pin µMAX (derate 4.1mW/°C above +70°C) ..............330mW
14-Pin SO (derate 8.3mW/°C above +70°C).................667mW
16-Pin SO (derate 8.7mW/°C above +70°C).................696mW
16-Pin QSOP (derate 8.3mW/°C above +70°C)............667mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Voltage
Range
VCC
Inferred from PSRR test
4.0
10.5
V
MAX4310/MAX4311/MAX4312, inferred from
CMRR test
0.035
VCC - 2.8
Input Voltage Range
MAX4313/MAX4314/MAX4315, inferred from
output voltage swing
0.035
VCC - 2.7
V
Common-Mode Rejection
Ratio
CMRR
0 ≤ VCM ≤ 2.2V, MAX4310/MAX4311/MAX4312
only
73
95
dB
Input Offset Voltage
VOS
±
5.0
±20
mV
Input Offset Voltage Drift
TCVOS
±7
µV/°C
Input Offset Voltage
Matching
±1
mV
Input Bias Current
IB
IIN
7
14
µA
Feedback Bias Current
IFB
IFB, MAX4310/MAX4311/MAX4312 only
7
14
µA
Input Offset Current
IOS
MAX4310/MAX4311/MAX4312 only
0.1
2
µA
Common-Mode Input
Resistance
RIN
VIN varied over VCM, MAX4310/MAX4311/
MAX4312 only
3
MΩ
Differential Input Resistance
RIN
70
KΩ
Open loop
8
MAX4310/MAX4311/
MAX4312 only
Closed loop, AV = +1V/V
0.025
Output Resistance
ROUT
MAX4313/MAX4314/MAX4315
0.025
Ω
MAX4310/MAX4311/MAX4312, open loop
35
Disabled Output Resistance
ROUT
MAX4313/MAX4314/MAX4315
1
Ω
Open-Loop Gain
AVOL
MAX4310/MAX4311/MAX4312,
RL = 150Ω to GND, 0.25V ≤ VOUT ≤ 4.2V
50
59
dB
Voltage Gain
AVCL
MAX4313/MAX4314/MAX4315,
RL = 150Ω to GND, 0.25V ≤ VOUT ≤ 4.2V
1.9
2.0
2.1
V/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com