Electronic Components Datasheet Search
  English  ▼

X  

BD5259FVE Datasheet(PDF) 12 Page - Rohm

Part # BD5259FVE
Description  Free Delay Time Setting CMOS Voltage Detector IC Series
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD5259FVE Datasheet(HTML) 12 Page - Rohm

Back Button BD5259FVE Datasheet HTML 8Page - Rohm BD5259FVE Datasheet HTML 9Page - Rohm BD5259FVE Datasheet HTML 10Page - Rohm BD5259FVE Datasheet HTML 11Page - Rohm BD5259FVE Datasheet HTML 12Page - Rohm BD5259FVE Datasheet HTML 13Page - Rohm BD5259FVE Datasheet HTML 14Page - Rohm BD5259FVE Datasheet HTML 15Page - Rohm BD5259FVE Datasheet HTML 16Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Datasheet
12/13
BD52xx series
BD53xx series
TSZ02201-0R7R0G300040-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
22.May.2013 Rev.006
www.rohm.com
TSZ22111
・
15
・
001
3) Examples of the power supply with resistor dividers
In applications wherein the power supply voltage of an IC comes from a resistor divider circuit, an in-rush current will flow
into the circuit when the output level switches from “High” to “Low” or vice versa. In-rush current is a sudden surge of
current that flows from the power supply (VDD) to ground (GND) as the output logic changes its state. This current flow
may cause malfunction in the systems operation such as output oscillations, etc.
Figure.21
When an in-rush current (I1) flows into the circuit (Refer to Fig. 21) at the time when output switches from “Low” to “High”,
a voltage drop of I1×R2 (input resistor) will occur in the circuit causing the VDD supply voltage to decrease. When the VDD
voltage drops below the detection voltage, the output will switch from “High” to “Low”. While the output voltage is at “Low”
condition, in-rush current will stop flowing and the voltage drop will be reduced. As a result, the output voltage will switches
again from “Low” to “High” which causes an in-rush current and a voltage drop. This operation repeats and will result to
oscillation.
Figure.22
IDD Peak Current
vs. Power Supply Voltage
* This data is for reference only.
The figures will vary with the application, so please confirm actual operating conditions before use.
VOUT
R2
VDD
BD52xx
BD53xx
GND
R1
I1
V1
CIN
CL
IDD
VDD
VDET
0
Through
Current
0. 001
0. 01
0. 1
1
10
3
4
5
6
7
8
9
10
VDD[ V]
VDD
- I DD
Pe ak Cu rre n t Ta= 2 5 ℃
BD 52x x
BD 53x x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com