Electronic Components Datasheet Search
  English  ▼

X  

LM138 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM138
Description  5-Amp Adjustable Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM138 Datasheet(HTML) 2 Page - Texas Instruments

  LM138 Datasheet HTML 1Page - Texas Instruments LM138 Datasheet HTML 2Page - Texas Instruments LM138 Datasheet HTML 3Page - Texas Instruments LM138 Datasheet HTML 4Page - Texas Instruments LM138 Datasheet HTML 5Page - Texas Instruments LM138 Datasheet HTML 6Page - Texas Instruments LM138 Datasheet HTML 7Page - Texas Instruments LM138 Datasheet HTML 8Page - Texas Instruments LM138 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LM138/LM338
5-Amp Adjustable Regulators
General Description
The LM138 series of adjustable 3-terminal positive voltage
regulators is capable of supplying in excess of 5A over a
1.2V to 32V output range. They are exceptionally easy to
use and require only 2 resistors to set the output voltage.
Careful circuit design has resulted in outstanding load and
line regulation — comparable to many commercial power
supplies. The LM138 family is supplied in a standard 3-lead
transistor package.
A unique feature of the LM138 family is time-dependent
current limiting. The current limit circuitry allows peak cur-
rents of up to 12A to be drawn from the regulator for short
periods of time. This allows the LM138 to be used with heavy
transient loads and speeds start-up under full-load condi-
tions. Under sustained loading conditions, the current limit
decreases to a safe value protecting the regulator. Also
included on the chip are thermal overload protection and
safe area protection for the power transistor. Overload pro-
tection remains functional even if the adjustment pin is acci-
dentally disconnected.
Normally, no capacitors are needed unless the device is
situated more than 6 inches from the input filter capacitors in
which case an input bypass is needed. An output capacitor
can be added to improve transient response, while bypass-
ing the adjustment pin will increase the regulator’s ripple
rejection.
Besides replacing fixed regulators or discrete designs, the
LM138 is useful in a wide variety of other applications. Since
the regulator is “floating” and sees only the input-to-output
differential voltage, supplies of several hundred volts can be
regulated as long as the maximum input to output differential
is not exceeded, i.e., do not short-circuit output to ground.
The part numbers in the LM138 series which have a K suffix
are packaged in a standard Steel TO-3 package, while those
with a T suffix are packaged in a TO-220 plastic package.
The LM138 is rated for −55˚C
≤ T
J
≤ +150˚C, and the LM338
is rated for 0˚C
≤ T
J
≤ +125˚C.
Features
n
Guaranteed 7A peak output current
n
Guaranteed 5A output current
n
Adjustable output down to 1.2V
n
Guaranteed thermal regulation
n
Current limit constant with temperature
n
P
+ Product Enhancement tested
n
Output is short-circuit protected
Applications
n
Adjustable power supplies
n
Constant current regulators
n
Battery chargers
Connection Diagrams (See Physical Di-
mension section for further information)
Connection Diagrams
(TO-3 STEEL)
Metal Can Package
(TO-220)
Plastic Package
00906030
Bottom View
Order Number LM138K STEEL or LM338K STEEL
See NS Package Number K02A
00906031
Front View
Order Number LM338T
See NS Package Number T03B
May 1998
© 2004 National Semiconductor Corporation
DS009060
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com