Electronic Components Datasheet Search
  English  ▼

X  

MCP6061T Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP6061T
Description  60 關A, High Precision Op Amps
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6061T Datasheet(HTML) 1 Page - Microchip Technology

  MCP6061T Datasheet HTML 1Page - Microchip Technology MCP6061T Datasheet HTML 2Page - Microchip Technology MCP6061T Datasheet HTML 3Page - Microchip Technology MCP6061T Datasheet HTML 4Page - Microchip Technology MCP6061T Datasheet HTML 5Page - Microchip Technology MCP6061T Datasheet HTML 6Page - Microchip Technology MCP6061T Datasheet HTML 7Page - Microchip Technology MCP6061T Datasheet HTML 8Page - Microchip Technology MCP6061T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
© 2010 Microchip Technology Inc.
DS22189B-page 1
MCP6061/2/4
Features
• Low Offset Voltage:
±150 µV (maximum)
• Low Quiescent Current: 60 µA (typical)
• Rail-to-Rail Input and Output
• Wide Supply Voltage Range: 1.8V to 6.0V
• Gain Bandwidth Product: 730 kHz (typical)
• Unity Gain Stable
• Extended Temperature Range: -40°C to +125°C
• No Phase Reversal
Applications
• Automotive
• Portable Instrumentation
• Sensor Conditioning
• Battery Powered Systems
• Medical Instrumentation
• Test Equipment
• Analog Filters
Design Aids
• SPICE Macro Models
•FilterLab® Software
• Microchip Advanced Part Selector (MAPS)
• Analog Demonstration and Evaluation Boards
• Application Notes
Typical Application
Description
The Microchip Technology Inc. MCP6061/2/4 family of
operational amplifiers (op amps) has low input offset
voltage (
±150 µV, maximum) and rail-to-rail input and
output operation. This family is unity gain stable and
has a gain bandwidth product of 730 kHz (typical).
These devices operate with a single supply voltage as
low as 1.8V, while drawing low quiescent current per
amplifier (60 µA, typical). These features make the
family of op amps well suited for single-supply, high
precision, battery-powered applications.
The
MCP6061/2/4
family
is
offered
in
single
(MCP6061), dual (MCP6062), and quad (MCP6064)
configurations.
The
MCP6061/2/4 is
designed
with
Microchip’s
advanced CMOS process. All devices are available in
the extended temperature range, with a power supply
range of 1.8V to 6.0V.
Package Types
RL
VOUT
Gyrator
ZIN
R
C
Z
IN
R
L
j
ωL
+
=
LR
LRC
=
MCP6061
* Includes Exposed Thermal Pad (EP); see Table 3-1.
1
2
3
4
8
7
6
5
EP
9
VDD
VOUT
NC
NC
VIN+
VIN–
VSS
NC
1
2
3
4
8
7
6
5
EP
9
VOUTB
VINB–
VINB+
VDD
VINA+
VINA–
VSS
VOUTA
VINA+
VINA–
VDD
1
2
3
4
14
13
12
11
VOUTA
VOUTD
VIND–
VIND+
VSS
VINB+ 5
10 VINC+
VINB– 6
9
VOUTB 7
8 VOUTC
VINC–
VINA+
VINA–
VSS
1
2
3
4
8
7
6
5
VOUTA
VDD
VOUTB
VINB–
VINB+
VIN+
VIN–
VSS
1
2
3
4
8
7
6
5
NC
NC
VDD
VOUT
NC
MCP6061
SOIC
MCP6062
SOIC
MCP6061
2x3 TDFN *
MCP6062
2x3 TDFN *
MCP6064
SOIC, TSSOP
VIN+
VIN–
VSS
1
2
3
5
4
VDD
VOUT
MCP6061
SOT-23-5
60 µA, High Precision Op Amps


Similar Part No. - MCP6061T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6061T-EOT MICROCHIP-MCP6061T-EOT Datasheet
1Mb / 40P
60 關A, High Precision Op Amps
08/04/10
More results

Similar Description - MCP6061T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX478 MAXIM-MAX478 Datasheet
256Kb / 12P
17關A Max, Dual/Quad, Single-Supply, Precision Op Amps
Rev. 1; 11/98
logo
Microchip Technology
MCP6031 MICROCHIP-MCP6031 Datasheet
985Kb / 30P
0.9 uA, High Precision Op Amps
2007
MCP6071 MICROCHIP-MCP6071 Datasheet
699Kb / 34P
110 關A, High Precision Op Amps
2009
MCP6051 MICROCHIP-MCP6051 Datasheet
715Kb / 34P
30 關A, High Precision Op Amps
2009
MCP6031 MICROCHIP-MCP6031_08 Datasheet
660Kb / 34P
0.9 關A, High Precision Op Amps
2008
logo
STMicroelectronics
TSV639X STMICROELECTRONICS-TSV639X Datasheet
942Kb / 25P
MIcropower (60 關A), wide bandwidth (2.4 MHz) CMOS op-amps
18-Jan-2010
logo
Microchip Technology
MCP6071 MICROCHIP-MCP6071_10 Datasheet
1Mb / 40P
110 uA, High Precision Op Amps
2010
MCP6061T-EOT MICROCHIP-MCP6061T-EOT Datasheet
1Mb / 40P
60 關A, High Precision Op Amps
08/04/10
logo
3PEAK INC.
TP1561A 3PEAK-TP1561A Datasheet
1Mb / 19P
Stable 6MHz, 500關A, RRIO, Precision, Op Amps
logo
Microchip Technology
MCP6071 MICROCHIP-MCP6071_V01 Datasheet
856Kb / 42P
110 μA, High Precision Op Amps
Revision C November 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com