Electronic Components Datasheet Search
  English  ▼

X  

STF14NM50N Datasheet(PDF) 7 Page - STMicroelectronics

Part # STF14NM50N
Description  N-channel 500 V, 0.28 廓 typ., 12 A MDmesh??II Power MOSFET in D짼PAK, DPAK, TO-220FP, I짼PAK and TO-220 packages
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF14NM50N Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STF14NM50N Datasheet HTML 3Page - STMicroelectronics STF14NM50N Datasheet HTML 4Page - STMicroelectronics STF14NM50N Datasheet HTML 5Page - STMicroelectronics STF14NM50N Datasheet HTML 6Page - STMicroelectronics STF14NM50N Datasheet HTML 7Page - STMicroelectronics STF14NM50N Datasheet HTML 8Page - STMicroelectronics STF14NM50N Datasheet HTML 9Page - STMicroelectronics STF14NM50N Datasheet HTML 10Page - STMicroelectronics STF14NM50N Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
STB14NM50N, STD14NM50N, STF14NM50N, STI14NM50N, STP14NM50N
Electrical characteristics
Doc ID 16832 Rev 6
7/26
Figure 8.
Output characteristics
Figure 9.
Transfer characteristics
Figure 10.
Normalized BVDSS vs temperature
Figure 11.
Static drain-source on-resistance
Figure 12.
Capacitance variations
Figure 13.
Gate charge vs gate-source voltage
ID
15
10
5
0
0
10
VDS(V)
20
(A)
5
15
20
25
5V
6V
VGS=10V
AM07202v1
ID
15
10
5
0
0
4
VGS(V)
8
(A)
2
6
10
20
25
VDS=18V
AM07203v1
VDS
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
0.92
0.94
0.96
0.98
1.00
1.02
1.04
1.06
ID=1mA
1.08
1.10
AM09028v1
RDS(on)
0.280
0.275
0.270
0.265
0
4
ID(A)
(Ohm)
2
6
0.285
0.290
0.295
0.300
VGS=10V
8
10
12
AM07205v1
C
1000
100
10
1
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
AM07206v1
VGS
6
4
2
0
0
5
Qg(nC)
(V)
20
8
10
15
10
VDD=400V
ID=12A
25
12
300
250
200
0
350
400
VDS
30
150
100
50
VDS
(V)
AM07204v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com